Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C72-10/SP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16C72-10/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/SP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16C72-10/SP Datasheet HTML 106Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 107Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 108Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 109Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 110Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 111Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 112Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 113Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 124 page
background image
PIC16C72 Series
DS39016A-page 110
Preliminary
© 1998 Microchip Technology Inc.
16.2
28-Lead Ceramic Side Brazed Dual In-Line with Window (300 mil)(JW)
* Controlling Parameter.
n
1
2
R
Overall Row Spacing
Radius to Radius Width
Package Length
Tip to Seating Plane
Base to Seating Plane
Top of Lead to Seating Plane
Top to Seating Plane
Shoulder Radius
Upper Lead Width
Lower Lead Width
PCB Row Spacing
Dimension Limits
Window Width
Window Length
Package Width
Lead Thickness
Pitch
Number of Pins
Units
0.170
A
0.130
W1
W2
0.290
D
E1
eB
E
A2
L
A1
1.430
0.345
0.255
0.285
0.135
0.015
0.107
B
R
c
B1
n
p
0.016
0.008
0.010
0.050
0.098
MIN
MILLIMETERS
4.32
0.195
0.183
0.310
0.150
0.425
0.285
0.295
1.485
0.145
0.030
0.143
0.140
0.300
0.385
0.270
0.290
1.458
0.140
0.023
0.125
0.13
0.29
36.32
8.76
6.48
7.24
3.43
0.00
2.72
0.012
0.015
0.065
0.021
0.102
MAX
NOM
0.010
0.013
0.058
0.019
0.100
0.300
28
INCHES*
0.41
0.20
0.25
1.27
2.49
MIN
4.95
4.64
0.31
0.15
10.80
7.24
7.49
37.72
3.68
0.76
3.63
0.14
0.3
37.02
6.86
9.78
7.37
0.57
3.56
3.18
0.30
0.38
1.65
0.53
2.59
NOM
28
0.47
0.32
0.25
1.46
2.54
7.62
MAX
D
W2
W1
E
c
E1
eB
p
A1
L
B1
B
A2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com