Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C72-10/SP Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16C72-10/SP
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/SP Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16C72-10/SP Datasheet HTML 109Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 110Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 111Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 112Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 113Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 114Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 115Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 116Page - Microchip Technology PIC16C72-10/SP Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
PIC16C72 Series
© 1998 Microchip Technology Inc.
Preliminary
DS39016A-page 113
16.5
28-Lead Plastic Surface Mount (SSOP - 209 mil Body 5.30 mm) (SS)
Dimension Limits
Mold Draft Angle Bottom
Mold Draft Angle Top
Lower Lead Width
Lead Thickness
Radius Centerline
Gull Wing Radius
Shoulder Radius
Outside Dimension
Molded Package Width
Molded Package Length
Shoulder Height
Overall Pack. Height
Number of Pins
Foot Angle
Foot Length
Standoff
Pitch
β
α
B†
E‡
L
c
L1
φ
R1
R2
E1
A2
D‡
A1
A
n
p
Units
MAX
NOM
MIN
MAX
NOM
MIN
10
10
0.38
0.22
0.25
0.64
0.25
0.25
7.90
5.38
10.33
0.21
1.17
1.99
0.012
0
0.010
0
5
5
10
0.015
10
0.007
0.005
0.020
0.005
0.005
0.306
0.208
0.402
0.005
0.036
0.073
0.026
0.205
0.015
0.005
0.000
0
0.005
0.005
0.301
0.396
0.002
0.026
0.068
0.212
4
0.025
0.009
0.010
8
0.010
0.010
0.311
28
0.407
0.008
0.046
0.078
0.25
0
0
5
0.32
5
5.20
0.13
0.00
0.38
0.13
0.13
7.65
0
10.07
0.05
0.66
1.73
5.29
0.51
0.18
0.13
4
0.13
0.13
7.78
10.20
0.13
0.91
1.86
0.65
28
8
INCHES
MILLIMETERS*
n
1
2
R1
R2
D
p
B
E
E1
L
L1
β
c
φ
α
A1
A2
A
* Controlling Parameter.
† Dimension “B” does not include dam-bar protrusions. Dam-bar protrusions shall not exceed 0.003”
(0.076 mm) per side or 0.006” (0.152 mm) more than dimension “B.”
‡ Dimensions “D” and “E” do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.010” (0.254 mm) per side or 0.020” (0.508 mm) more than dimensions “D” or “E.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com