Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 127Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 128Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 129Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 130Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 131Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 132Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 133Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 134Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 131
PIC16F62X
17.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings †
Ambient temperature under bias................................................................................................................. -40 to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ........................................................................................................... -0.3 to +6.5V
Voltage on MCLR and RA4 with respect to VSS ..........................................................................................-0.3 to +14V
Voltage on all other pins with respect to VSS ....................................................................................-0.3V to VDD + 0.3V
Total power dissipation (Note 1)........................................................................................................................... 800 mW
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (Vo < 0 or Vo >VDD)
............................................................................................................... ± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by PORTA and PORTB.................................................................................................... 200 mA
Maximum current sourced by PORTA and PORTB .............................................................................................. 200 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL)
† NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
Note:
Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100
Ω should be used when applying a "low" level to the MCLR pin rather
than pulling this pin directly to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com