Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 131Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 132Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 133Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 134Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 135Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 136Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 137Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 138Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 135
PIC16F62X
17.2
DC CHARACTERISTICS:
PIC16LF62X-04 (Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40°C
≤ TA ≤ +85°C for industrial and
0°C
≤ TA ≤ +70°C for commercial and
–40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC spec Table 17.1 and Table 12-2
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
D001
VDD
Supply Voltage
2.0
-
5.5
V
D002
VDR
RAM Data Retention
Voltage (Note 1)
–
1.5*
–
V
Device in SLEEP mode
D003
VPOR
VDD start voltage to
ensure Power-on Reset
–VSS
–
V
See section on Power-on Reset for
details
D004
SVDD
VDD rise rate to ensure
Power-on Reset
0.05*
–
–
V/ms
See section on Power-on Reset for
details
D005
VBOD
Brown-out Detect Voltage
3.7
4.0
4.3
V
BODEN configuration bit is cleared
D010
D013
IDD
Supply Current (Note 2, 5)
–
–
–
–
–
4.0
–
–
0.6
7.0
6.0
2.0
mA
mA
mA
mA
FOSC = 4.0 MHZ, VDD = 2.5
FOSC = 20.0 MHz, VDD = 5.5
FOSC = 20.0 MHz, VDD = 4.5
FOSC = 10.0 MHz, VDD = 3.0
D020
IPD
Power Down Current (Note 2)
–
–
–
–
–
–
–
–
2.0
2.2
5.0
9.0
15.0
µA
µA
µA
µA
µA
VDD = 2.5
VDD = 3.0
VDD = 4.5
VDD = 5.5
VDD = 5.5 Extended
D023
∆IWDT
∆IBOD
∆ICOMP
∆IVREF
WDT Current (Note 4)
Brown-out Detect Current (Note 4)
Comparator Current for each
Comparator (Note 4)
VREF Current (Note 4)
–
–
–
–
6.0
75
30
15
125
50
135
µA
µA
µA
µA
VDD=3.0V
BOD enabled, VDD = 5.0V
VDD = 3.0V
VDD = 3.0V
1A
FOSC
LP Oscillator Operating Frequency
INTRC Oscillator Operating Frequency
XT Oscillator Operating Frequency
HS Oscillator Operating Frequency
0
–
0
0
–
–
–
–
200
4
4
20
KHz
MHz
MHz
MHz
All temperatures
All temperatures
All temperatures
All temperatures
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C, unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current consump-
tion.
The test conditions for all IDD measurements in active operation mode are:
OSC1=external square wave, from rail to rail; all I/O pins tristated, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3: The power down current in SLEEP mode does not depend on the oscillator type. Power down current is measured with the
part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD to VSS.
4: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the base
IDD or IPD measurement.
5: For RC osc configuration, current through Rext is not included. The current through the resistor can be estimated by the for-
mula Ir = VDD/2Rext (mA) with Rext in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com