Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 132Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 133Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 134Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 135Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 136Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 137Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 138Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 139Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 160 page
background image
PIC16F62X
DS40300B-page 136
Preliminary
© 1999 Microchip Technology Inc.
17.3 DC CHARACTERISTICS:
PIC16F62X (Commercial, Industrial, Extended)
PIC16LF62X (Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40°C
≤ TA ≤ +85°C for industrial and
0°C
≤ TA ≤ +70°C for commercial and
–40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC spec Table 17.1 and Table 12-2
Param.
No.
Sym
Characteristic
Min
Typ†
Max
Unit
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
VSS
-0.8V
0.15VDD
VVDD = 4.5V to 5.5V
otherwise
D031
with Schmitt Trigger input
VSS
0.2VDD
V
D032
MCLR, RA4/T0CKI,OSC1 (in ER
mode)
Vss
-
0.2VDD
V
Note1
D033
OSC1 (in XT and HS)
Vss
-
0.3VDD
V
OSC1 (in LP)
Vss
-
0.6VDD-1.0
V
VIH
Input High Voltage
I/O ports
-
D040
with TTL buffer
2.0V
.25VDD + 0.8V
-VDD
VDD
VVDD = 4.5V to 5.5V
otherwise
D041
with Schmitt Trigger input
0.8VDD
VDD
D042
MCLR RA4/T0CKI
0.8VDD
-VDD
V
D043
D043A
OSC1 (XT, HS and LP)
OSC1 (in ER mode)
0.7VDD
0.9VDD
-VDD
V
Note1
D070
IPURB PORTB weak pull-up current
50
200
400
µAVDD = 5.0V, VPIN = VSS
IIL
Input Leakage Current
(Notes 2, 3)
I/O ports (Except PORTA)
±1.0
µAVSS ≤ VPIN ≤ VDD, pin at hi-impedance
D060
PORTA
-
-
±0.5
µAVss ≤ VPIN ≤ VDD, pin at hi-impedance
D061
RA4/T0CKI
-
-
±1.0
µAVss ≤ VPIN ≤ VDD
D063
OSC1, MCLR
--
±5.0
µAVss ≤ VPIN ≤ VDD, XT, HS and LP osc
configuration
VOL
Output Low Voltage
D080
I/O ports
-
-
0.6
V
IOL=8.5 mA, VDD=4.5V, -40
° to +85°C
--
0.6
V
IOL=7.0 mA, VDD=4.5V, +125
°C
D083
OSC2/CLKOUT (ER only)
-
-
0.6
V
IOL=1.6 mA, VDD=4.5V, -40
° to +85°C
--
0.6
V
IOL=1.2 mA, VDD=4.5V, +125
°C
VOH
Output High Voltage (Note 3)
D090
I/O ports (Except RA4)
VDD-0.7
-
-
V
IOH=-3.0 mA, VDD=4.5V, -40
° to +85°C
VDD-0.7
-
-
V
IOH=-2.5 mA, VDD=4.5V, +125
°C
D092
OSC2/CLKOUT (ER only)
VDD-0.7
-
-
V
IOH=-1.3 mA, VDD=4.5V, -40
° to +85°C
VDD-0.7
-
-
V
IOH=-1.0 mA, VDD=4.5V, +125
°C
*D150
VOD
Open-Drain High Voltage
-
8.5*
V
RA4 pin PIC16F62X, PIC16LF62X
Capacitive Loading Specs on
Output Pins
D100
COSC2 OSC2 pin
-
15
pF In XT, HS and LP modes when external
clock used to drive OSC1.
D101
Cio
All I/O pins/OSC2 (in ER mode)
-
50
pF
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note 1:
In ER oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the PIC16F62X be driven with
external clock in ER mode.
2:
The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels represent normal operat-
ing conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com