Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 136Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 137Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 138Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 139Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 140Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 141Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 142Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 143Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 160 page
background image
PIC16F62X
DS40300B-page 140
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 17-7: CLKOUT AND I/O TIMING
TABLE 17-5:
CLKOUT AND I/O TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
10
TosH2ckL
OSC1
↑ to CLKOUT↓
16F62X
—
75
200
ns
10A
16LF62X
—
—
400
ns
11
TosH2ckH
OSC1
↑ to CLKOUT↑
16F62X
—
75
200
ns
11A
16LF62X
——
400
ns
12
TckR
CLKOUT rise time
16F62X
—
35
100
ns
12A
16LF62X
——
200
ns
13
TckF
CLKOUT fall time
16F62X
—
35
100
ns
13A
16LF62X
——
200
ns
14
TckL2ioV
CLKOUT
↓ to Port out valid
—
—
20
ns
15
TioV2ckH
Port in valid before
16F62X
Tosc
+200
ns
——
ns
CLKOUT
↑
16LF62X
Tosc
=400
ns
——
ns
16
TckH2ioI
Port in hold after CLKOUT
↑
0
—
—
ns
17
TosH2ioV
OSC1
↑ (Q1 cycle) to
16F62X
—
50
150 *
ns
Port out valid
16LF62X
——
300
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port input invalid
(I/O in hold time)
100
200
——
ns
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
old value
new value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com