Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F628-20E/SS Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC16F628-20E/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20E/SS Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC16F628-20E/SS Datasheet HTML 137Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 138Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 139Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 140Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 141Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 142Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 143Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 144Page - Microchip Technology PIC16F628-20E/SS Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 160 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS40300B-page 141
PIC16F62X
FIGURE 17-8: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
FIGURE 17-9: BROWN-OUT DETECT TIMING
TABLE 17-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Unit
s
Conditions
30
TmcL
MCLR Pulse Width (low)
2000
TBD
—
TBD
—
TBD
ns
ms
VDD = 5V, -40°C to +85°C
Extended temperature
31
Twdt
Watchdog Timer Time-out Period
(No Prescaler)
7
TBD
18
TBD
33
TBD
ms
ms
VDD = 5V, -40°C to +85°C
Extended temperature
32
Tost
Oscillation Start-up Timer Period
—
1024TOSC
——
TOSC = OSC1 period
33*
Tpwrt
Power up Timer Period
28
TBD
72
TBD
132
TBD
ms
ms
VDD = 5V, -40°C to +85°C
34
TIOZ
I/O Hi-impedance from MCLR Low
or Watchdog Timer Reset
——
2.0
µs
35
TBOD
Brown-out Detect pulse width
100
—
—
µsVDD ≤ BVDD (D005)
VDD
MCLR
Internal
POR
PWRT
Timeout
OSC
Timeout
Internal
RESET
Watchdog
Timer
RESET
33
32
30
31
34
I/O Pins
34
VDD
BVDD
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com