Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5085MMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MMX/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5085MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 19Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 20Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 21Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
RADJ =
32 PA
6.5A x 0.01:
= 2.03 k:
IPK
IOUT
IOR
1/FS
L1 =
tON(min) x (VIN(max) - VOUT)
IOR(max)
= 14.9 PH
RT =
5 x (12 - 1.56V)
1.45 x 10
-7
x 12 x 300 kHz
- 1.4 = 90.9
(50 ns + 57 ns) x (12 - 1.56V)
1.45 x 10
-7
-
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
For this example, RFB2/RFB1 = 3. Typically, RFB1 and RFB2 should be chosen from standard value resistors in the
range of 1k
Ω to 20kΩ which satisfy the above ratio. For this example, RFB2 = 10kΩ, and RFB1 = 3.4kΩ.
RT, PFET: Before selecting the RT resistor, the PFET must be selected as its turn-on and turn-off delays affect
the calculated value of RT. For the Vishay Si7465 PFET, the difference of its typical turn-off and turn-on delays is
57ns. Using Equation 5 at nominal input voltage, RT calculates to be:
(16)
A standard value 90.9k
Ω resistor is selected. Using Equation 3, the minimum on-time at the PGATE pin, which
occurs at maximum input voltage (55V), is calculated to be 300ns. This minimum one-shot period is sufficiently
longer than the minimum recommended value of 150ns. The minimum on-time at the SW node (junction of Q1,
D1, L1) is longer due to the delay added by the PFET (57ns). Therefore the minimum SW node on-time is 357ns
at 55V. The maximum on-time at the SW node is calculated to be 2.55µs at 7V.
L1: The main parameter controlled by the inductor value is the current ripple amplitude (IOR). See Figure 26. The
minimum load current for continuous conduction mode is used to determine the maximum allowable ripple such
that the inductor current valley does not fall to zero. Continuous conduction mode operation at minimum load
current is not a requirement of the LM5085, but serves as a guideline for selecting L1. For this example, the
maximum ripple current is:
IOR(max) = 2 x IOUT(min) = 1.2 Amp
(17)
If the minimum load current of the application is zero, a good initial estimate for the maximum ripple current
(IOR(max)) is 20% of the maximum load current. The ripple calculated in Equation 17 is then used in the following
equation to calculate L1:
(18)
A standard value 15µH inductor is selected. Using this inductance value, the maximum ripple current amplitude,
which occurs at maximum input voltage, is calculated to be 1.19 Ap-p. The peak current (IPK) at maximum load
current is 5.6A. However, the current rating of the selected inductor must be based on the maximum current limit
value calculated below.
Figure 26. Inductor Current Waveform
RSEN, RADJ: To achieve good current limit accuracy and avoid over designing the power stage components, the
sense resistor method is used for current limiting in this example. A standard value 10m
Ω resistor is selected for
RSEN, resulting in a 50mV drop at maximum load current, and a maximum 0.25W power dissipation in the
resistor. Since the LM5085 uses peak current detection, the minimum value for the current limit threshold must
be equal to the maximum load current (5A) plus half the maximum ripple amplitude calculated above:
ICL(min) = 5A + 1.19A/2 = 5.6A
(19)
At this current level the voltage across RSEN is 56mV. Adding the current limit comparator offset of 9mV (max)
increases the required current limit threshold to 6.5A. Using Equation 9 with the minimum value for the ADJ pin
current (32µA), the required RADJ resistor is calculated to be:
(20)
18
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com