Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5085MMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085MMX/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085MMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5085MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 19Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 20Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 21Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 22Page - Texas Instruments LM5085MMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
R3 x C1 =
(7V - 4.81V) x 2.55 Ps
0.025V
= 2.23 x 10
-4
R3 x C1 =
(VIN(min) - VA) x tON
'V
COUT =
1.19A
8 x 300 kHz x 0.005V
= 99.2 PF
COUT =
IOR(max)
8 x FS x VRIPPLE
ICL(min) =
0.01:
(2.1 k: x 32 PA) - 9 mV
= 5.82A
ICL(max) =
0.01:
(2.1 k: x 48 PA) + 9 mV
= 11A
ICL(nom) =
0.01:
(2.1 k: x 40 PA)
= 8.4A
LM5085, LM5085-Q1
www.ti.com
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
Typical Application (continued)
A standard value 2.1k
Ω resistor is selected. The nominal current limit threshold is:
(21)
Using the tolerances for the ADJ pin current and the current limit comparator offset, the maximum current limit
threshold is calculated to be:
(22)
The minimum current limit threshold is:
(23)
The load current in each case is equal to the current limit threshold minus half the current ripple amplitude. The
recommended value of 1000pF for CADJ is used in this example.
COUT: Since the maximum allowed output ripple voltage is very low in this example (5 mVp-p), the minimum
ripple configuration (R3, C1, and C2 in the Block Diagram) must be used. The resulting ripple at VOUT is then due
to the inductor’s ripple current passing through COUT. This capacitor’s value can be selected based on the
maximum allowable ripple voltage at VOUT, or based on transient response requirements. The following
calculation, based on ripple voltage, provides a first order result for the value of COUT:
(24)
where IOR(max) is the maximum ripple current calculated above, and VRIPPLE is the allowable ripple at VOUT.
(25)
A 100µF capacitor is selected. Typically the ripple amplitude will be higher than the calculations indicate due to
the capacitor’s ESR.
R3, C1, C2: The minimum ripple configuration uses these three components to generate the ripple voltage
required at the FB pin since there is insufficient ripple at VOUT. A minimum of 25 mVp-p must be applied to the
FB pin to obtain stable constant frequency operation. R3 and C1 are selected to generate a sawtooth waveform
at their junction, and that waveform is AC coupled to the FB pin via C2. The values of the three components are
determined using the following procedure:
Calculate VA = VOUT - (VSW x (1 – (VOUT/VIN(min))))
(26)
where VSW is the absolute value of the voltage at the SW node during the off-time, typically 0.5V to 1V
depending on the diode D1. Using a typical value of 0.65V, VA calculates to 4.81V. VA is the nominal DC voltage
at the R3/C1 junction, and is used in the next equation to calculate the R3-C3 product:
(27)
where tON is the maximum on-time (at minimum input voltage), and ΔV is the desired ripple amplitude at the R3-
C1 junction. For ripple voltage of 25 mVp-p:
(28)
R3 and C1 are then selected from standard value components to produce the product calculated above. Typical
values for C1 are 3000pF to 10,000pF, and R3 is typically from 10k
Ω to 300kΩ. C2 is then chosen large
compared to C1, typically 0.1µF. For this example, 3300pF is chosen for C1, requiring R3 to be 67.7k
Ω. A
standard value 66.5k
Ω resistor is selected.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com