Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5085SDE/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5085SDE/NOPB Datasheet HTML 13Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 14Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 15Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 16Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 17Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 18Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 19Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 20Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
7V to 55V
Input
VIN
GND
SHUTDOWN
CIN
33 PF
CBYP
1 PF
RT
90.9 k:
GND
FB
PGATE
ISEN
ADJ
VCC
CVCC
0.47 PF
CADJ
1000 pF
RADJ
2.1 k:
RSEN
0.01:
L1 15 PH
Q1
D1
VOUT
COUT
GND
C1
3300 pF
C2
0.1 PF
R3
66.5 k:
5V
100 PF
RFB1
3.4 k:
RFB2
10 k:
RT
VIN
LM5085
LM5085, LM5085-Q1
www.ti.com
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5085/LM5085-Q1 devices are step-down DC-DC converters. The devices are typically used to convert a
higher DC voltage to a lower DC voltage. Use the following design procedure to select component values.
Alternately, use the WEBENCH® software to generate a complete design. The WEBENCH software uses an
iterative design procedure and accesses a comprehensive database of components when generating a design.
This section presents a simplified discussion of the design process.
8.2 Typical Application
The final circuit is shown in Figure 25, and its performance is presented in Figure 29 through Figure 32.
Figure 25. Example Circuit
8.2.1 Design Requirements
Referring to Functional Block Diagram , the circuit is to be configured for the following specifications:
•
VOUT = 5V
•
VIN = 7V to 55V, 12V Nominal
•
Maximum load current (IOUT(max)) = 5A
•
Minimum load current (IOUT(min)) = 600mA (for continuous conduction mode)
•
Switching Frequency (FSW) = 300kHz
•
Maximum allowable output ripple (VOS) = 5mVp-p
•
Selected PFET: Vishay Si7465
8.2.2 Detailed Design Procedure
8.2.2.1 External Components
The procedure for calculating the external components is illustrated with the following design example.
Selected PFET: Vishay Si7465
RFB1 and RFB2: These resistors set the output voltage. The ratio of these resistors is calculated from:
RFB2/RFB1 = (VOUT/1.25V) - 1
(15)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com