Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5085SDE/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085SDE/NOPB
Description  75V Constant On-Time PFET Buck Switching Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085SDE/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5085SDE/NOPB Datasheet HTML 16Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 17Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 18Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 19Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 20Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 21Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 22Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 23Page - Texas Instruments LM5085SDE/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
R4 =
25 mV
IOR(min)
CIN + CBYP =
IOUT(max) x tON(max)
'V
= 25.5 PF
5A x 2.55 Ps
0.5V
=
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
CIN, CBYP:These capacitors limit the voltage ripple at VIN by supplying most of the switch current during the on-
time. At maximum load current, when Q1 is switched on, the current through Q1 suddenly increases to the lower
peak of the inductor’s ripple current, then ramps up to the upper peak, and then drops to zero at turn-off. The
average current during the on-time is the load current. For a worst case calculation, these capacitors must supply
this average load current during the maximum on-time, while limiting the voltage drop at VIN. For this example,
0.5V is selected as the maximum allowable droop at VIN. The minimum input capacitance is calculated from:
(29)
A 33µF electrolytic capacitor is selected for CIN, and a 1µF ceramic capacitor is selected for CBYP. Due to the
ESR of CIN, the ripple at VIN will likely be higher than the calculation indicates, and therefore it may be desirable
to increase CIN to 47µF or 68µF. CBYP must be located as close as possible to the VIN and GND pins of the
LM5085. The voltage rating for both capacitors must be at least 55V. The RMS ripple current rating for the input
capacitors must also be considered. A good approximation for the required ripple current rating is IRMS > IOUT/2.
D1: A Schottky diode is recommended. Ultra-fast recovery diodes are not recommended as the high speed
transitions at the SW node may affect the regulator’s operation due to the diode’s reverse recovery transients.
The diode must be rated for the maximum input voltage, and the worst case current limit level. The average
power dissipation in the diode is calculated from:
PD1 = VF x IOUT x (1-D)
(30)
where VF is the diode’s forward voltage drop, and D is the on-time duty cycle. Using Equation 1, the minimum
duty cycle occurs at maximum input voltage, and is calculated to be
≊9.1% in this example. The diode power
dissipation calculates to be:
PD1 = 0.65V x 5A x (1- 0.091) = 2.95W
(31)
CVCC: The capacitor at the VCC pin (from VIN to VCC) provides not only noise filtering and stability for the VCC
regulator, but also provides the surge current for the PFET gate drive. The typical recommended value for CVCC
is 0.47µF. A good quality, low ESR, ceramic capacitor is recommended. CVCC must be located as close as
possible to the VIN and VCC pins. If the selected PFET has a Total Gate Charge specification of 100nC or
larger, or if the circuit is required to operate at input voltages below 7V, a larger capacitor may be required. The
maximum recommended value for CVCC is 1µF.
IC Power Dissipation: The maximum power dissipated in the LM5085 package is calculated using Equation 14
at the maximum input voltage. The Total Gate Charge for the Si7465 PFET is specified to be 40nC (max) in its
data sheet. Therefore the total power dissipation within the LM5085 is calculated to be:
PDISS = 55V x ((40nC x 300kHz) + 1.4mA) = 737mW
(32)
Using an HVSSOP package with a
θJA of 46°C/W produces a temperature rise of 34°C from junction to ambient.
8.2.2.2 Alternate Output Ripple Configurations
The minimum ripple configuration employing C1, C2, and R3 in Figure 25 results in a low ripple amplitude at
VOUT determined mainly by the characteristics of the output capacitor and the ripple current in L1. This
configuration allows multiple ceramic capacitors to be used for VOUT if the output voltage is provided to several
places on the PC board. However, if a slightly higher level of ripple at VOUT is acceptable in the application, and
distributed capacitance is not used, the ripple required for the FB comparator pin can be generated with fewer
external components using the circuits shown below.
a) Reduced ripple configuration: In Figure 27, R3, C1 and C2 are removed (compared to Figure 25). A low
value resistor (R4) is added in series with COUT, and a capacitor (Cff) is added across RFB2. Ripple is generated
at VOUT by the inductor ripple current flowing through R4, and that ripple voltage is passed to the FB pin via Cff.
The ripple at VOUT can be set as low as 25 mVp-p since it is not attenuated by RFB2 and RFB1. The minimum
value for R4 is calculated from:
(33)
where IOR(min) is the minimum ripple current, which occurs at minimum input voltage. The minimum value for Cff
is determined from:
20
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com