Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62BT-04/SP Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16LC62BT-04/SP
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62BT-04/SP Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16LC62BT-04/SP Datasheet HTML 4Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 5Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 6Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 7Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 8Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 9Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 10Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 11Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
PIC16C62B/72A
DS35008B-page 8
Preliminary
© 1999 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers and the
Special Function Registers. Bits RP1 and RP0 are the
bank select bits.
= 00
→ Bank0
= 01
→ Bank1
= 10
→ Bank2 (not implemented)
= 11
→ Bank3 (not implemented)
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain Special
Function Registers. Some “high use” Special Function
Registers from one bank may be mirrored in another
bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE REGISTER FILE
The register file can be accessed either directly, or indi-
rectly
through
the
File
Select
Register
FSR
(Section 2.5).
FIGURE 2-2:
REGISTER FILE MAP
RP1(1)
RP0
(STATUS<6:5>)
Note 1: Maintain this bit clear to ensure upward compati-
bility with future products.
Unimplemented data memory locations,
read as ’0’.
Note 1: Not a physical register.
2:
These registers are not implemented on the
PIC16C62B, read as ’0’.
File
Address
File
Address
00h
INDF(1)
INDF(1)
80h
01h
TMR0
OPTION_REG 81h
02h
PCL
PCL
82h
03h
STATUS
STATUS
83h
04h
FSR
FSR
84h
05h
PORTA
TRISA
85h
06h
PORTB
TRISB
86h
07h
PORTC
TRISC
87h
08h
—
—
88h
09h
—
—
89h
0Ah
PCLATH
PCLATH
8Ah
0Bh
INTCON
INTCON
8Bh
0Ch
PIR1
PIE1
8Ch
0Dh
—
—
8Dh
0Eh
TMR1L
PCON
8Eh
0Fh
TMR1H
—
8Fh
10h
T1CON
—
90h
11h
TMR2
—
91h
12h
T2CON
PR2
92h
13h
SSPBUF
SSPADD
93h
14h
SSPCON
SSPSTAT
94h
15h
CCPR1L
—
95h
16h
CCPR1H
—
96h
17h
CCP1CON
—
97h
18h
—
—
98h
19h
—
—
99h
1Ah
—
—
9Ah
1Bh
—
—
9Bh
1Ch
—
—
9Ch
1Dh
—
—
9Dh
1Eh
ADRES(2)
—
9Eh
1Fh
ADCON0(2)
ADCON1(2)
9Fh
20h
General
Purpose
Registers
General
Purpose
Registers
A0h
BFh
—
C0h
—
7Fh
—
FFh
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com