Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62BT-04/SP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16LC62BT-04/SP
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62BT-04/SP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16LC62BT-04/SP Datasheet HTML 9Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 10Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 11Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 12Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 13Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 14Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 15Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 16Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
PIC16C62B/72A
© 1999 Microchip Technology Inc.
Preliminary
DS35008B-page 13
2.2.2.3
INTCON REGISTER
The INTCON Register is a readable and writable regis-
ter, which contains various interrupt enable and flag
bits for the TMR0 register overflow, RB Port change
and External RB0/INT pin interrupts.
REGISTER 2-3:
INTCON REGISTER (ADDRESS 0Bh, 8Bh)
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE (INTCON<7>). User soft-
ware should ensure the appropriate inter-
rupt flag bits are clear prior to enabling an
interrupt.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-x
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
R
= Readable bit
W = Writable bit
- n = Value at POR reset
bit7
bit0
bit 7:
GIE: Global Interrupt Enable bit
1
= Enables all un-masked interrupts
0
= Disables all interrupts
bit 6:
PEIE: Peripheral Interrupt Enable bit
1
= Enables all un-masked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5:
T0IE: TMR0 Overflow Interrupt Enable bit
1
= Enables the TMR0 interrupt
0
= Disables the TMR0 interrupt
bit 4:
IINTE: RB0/INT External Interrupt Enable bit
1
= Enables the RB0/INT external interrupt
0
= Disables the RB0/INT external interrupt
bit 3:
RBIE: RB Port Change Interrupt Enable bit
1
= Enables the RB port change interrupt
0
= Disables the RB port change interrupt
bit 2:
T0IF: TMR0 Overflow Interrupt Flag bit
1
= TMR0 register has overflowed (software must clear bit)
0
= TMR0 register did not overflow
bit 1:
INTF: RB0/INT External Interrupt Flag bit
1
= The RB0/INT external interrupt occurred (software must clear bit)
0
= The RB0/INT external interrupt did not occur
bit 0:
RBIF: RB Port Change Interrupt Flag bit
1
= At least one of the RB7:RB4 input pins have changed state (clear by reading PORTB)
0
= None of the RB7:RB4 input pins have changed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com