Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC62BT-04/SP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16LC62BT-04/SP
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC62BT-04/SP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16LC62BT-04/SP Datasheet HTML 17Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 18Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 19Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 20Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 21Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 22Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 23Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 24Page - Microchip Technology PIC16LC62BT-04/SP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
PIC16C62B/72A
© 1999 Microchip Technology Inc.
Preliminary
DS35008B-page 21
3.2
PORTB and the TRISB Register
PORTB is an 8-bit wide bi-directional port. The corre-
sponding data direction register is TRISB. Setting a
TRISB bit (=1) will make the corresponding PORTB pin
an input, (i.e., put the corresponding output driver in a
hi-impedance mode). Clearing a TRISB bit (=0) will
make the corresponding PORTB pin an output, (i.e.,
put the contents of the output latch on the selected pin).
Each of the PORTB pins has a weak internal pull-up. A
single control bit can turn on all the pull-ups. This is per-
formed by clearing bit RBPU (OPTION_REG<7>). The
weak pull-up is automatically turned off when the port
pin is configured as an output. The pull-ups are dis-
abled on a Power-on Reset.
FIGURE 3-3:
BLOCK DIAGRAM OF
RB3:RB0 PINS
Four of PORTB’s pins, RB7:RB4, have an interrupt on
change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e. any RB7:RB4 pin con-
figured as an output is excluded from the interrupt on
change comparison). The input pins (of RB7:RB4) are
compared with the old value latched on the last read of
PORTB. The “mismatch” outputs of RB7:RB4 are
OR’ed together to generate the RB Port Change Inter-
rupt with flag bit RBIF (INTCON<0>).
This interrupt can wake the device from SLEEP. The
user, in the interrupt service routine, can clear the inter-
rupt in the following manner:
a)
Any read or write of PORTB. This will end the
mismatch condition.
b)
Clear flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading PORTB will end the mismatch condition and
allow flag bit RBIF to be cleared.
The interrupt on change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt on change
feature. Polling of PORTB is not recommended while
using the interrupt on change feature.
RB0/INT is an external interupt pin and is configured
using the INTEDG bit (OPTION_REG<6>). RB0/INT is
discussed in detail in Section 10.10.1.
FIGURE 3-4:
BLOCK DIAGRAM OF
RB7:RB4 PINS
Data Latch
RBPU(2)
P
VDD
Q
D
CK
Q
D
CK
QD
EN
Data Bus
WR Port
WR TRIS
RD TRIS
RD Port
weak
pull-up
RD Port
RB0/INT
I/O
pin(1)
TTL
Input
Buffer
Note 1: I/O pins have diode protection to VDD and VSS.
2: To enable weak pull-ups, set the appropriate TRIS bit(s)
and clear the RBPU bit (OPTION_REG<7>).
Schmitt Trigger
Buffer
TRIS Latch
Data Latch
From other
RBPU(2)
P
VDD
I/O
Q
D
CK
Q
D
CK
QD
EN
QD
EN
Data Bus
WR Port
WR TRIS
Set RBIF
TRIS Latch
RD TRIS
RD Port
RB7:RB4 pins
weak
pull-up
RD Port
Latch
TTL
Input
Buffer
pin(1)
Note 1: I/O pins have diode protection to VDD and VSS.
ST
Buffer
RB7:RB6 in serial programming mode
Q3
Q1
2: To enable weak pull-ups, set the appropriate TRIS bit(s)
and clear the RBPU bit (OPTION_REG<7>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com