Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04E/TQ Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC16C641-04E/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04E/TQ Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC16C641-04E/TQ Datasheet HTML 50Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 51Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 52Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 53Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 54Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 55Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 56Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 57Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 54
Preliminary
© 1996 Microchip Technology Inc.
8.1
Configuring the Voltage Reference
The Voltage Reference Module can output 16 distinct
voltage levels for each range.
The equations used to calculate the output of the
Voltage Reference are as follows:
If VRR = 1
Then VREF = (VR3:VR0/24) • VDD
If VRR = 0
Then VREF = (VDD • 1/4) + (VR3:VR0/32) • VDD
The settling time of the Voltage Reference must be
considered
when
changing
the
VREF
output
(Table 12-2). Example 8-1 shows an example of how to
configure the Voltage Reference for an output voltage
of 1.25V with VDD = 5.0V.
EXAMPLE 8-1:
VOLTAGE REFERENCE
CONFIGURATION
MOVLW
0x02
; 4 inputs muxed
MOVWF
CMCON
; to 2 comparators
BSF
STATUS,RP0
; Select Bank 1
MOVLW
0x07
; RA3:RA0 to outputs
MOVWF
TRISA
;
MOVLW
0xA6
; enable Vref low
MOVWF
VRCON
; range, VR3:VR0 = 6
BCF
STATUS,RP0
; Select Bank 0
CALL
DELAY_10
µs
; 10
µs delay
8.2
Voltage Reference Accuracy/Error
The full range of VSS to VDD cannot be realized due to
the construction of the module. The transistors on the
top and bottom of the resistor ladder network
(Figure 8-2) keep VREF from approaching VSS or VDD.
The Voltage Reference is VDD derived and therefore,
the VREF output changes with fluctuations in VDD. The
absolute accuracy of the Voltage Reference can be
found in Table 12-3.
8.3
Operation During Sleep
When the device wakes up from sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the VRCON register are not affected. To minimize
current consumption in SLEEP mode, the Voltage
Reference Module should be disabled.
8.4
Effects of a Reset
A device reset disables the Voltage Reference by clear-
ing
bit
VREN
(VRCON<7>).
This
reset
also
disconnects the reference from the RA2 pin by clearing
bit VROE (VRCON<6>) and selects the high voltage
range by clearing bit VRR (VRCON<5>). The VREF
value select bits, VRCON<3:0>, are also cleared.
8.5
Connection Considerations
The Voltage Reference Module operates independently
of the comparator module. The output of the reference
generator may be connected to the RA2 pin if the
TRISA<2> bit is set and bit VROE is set. Enabling the
Voltage Reference output onto the RA2 pin with an
input signal present will increase current consumption.
Connecting RA2 as a digital output with VREF enabled
will also increase current consumption.
The RA2 pin can be used as a simple D/A output with
limited drive capability. Due to the limited drive
capability, a buffer must be used in conjunction with the
Voltage Reference output for external connections to
VREF.
Figure 8-3
shows
an
example
buffering
technique.
FIGURE 8-3:
VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
TABLE 8-1:
REGISTERS ASSOCIATED WITH VOLTAGE REFERENCE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value On
POR,
BOR
Value on
all other
resets
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
1Fh
CMCON
C2OUT
C1OUT
—
—
CIS
CM2
CM1
CM0
00-- 0000
00-- 0000
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
Note 1: R is dependent upon the Voltage Reference Configuration VRCON<3:0> and VRCON<5>.
VREF output
Voltage
Reference
Output
Impedance
R(1)
Pin RA2
VREF
Module
PIC16C662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com