Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04E/TQ Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16C641-04E/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04E/TQ Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16C641-04E/TQ Datasheet HTML 92Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 93Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 94Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 95Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 96Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 97Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 98Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 99Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 96
Preliminary
© 1996 Microchip Technology Inc.
TABLE 12-2:
COMPARATOR SPECIFICATIONS
Operating Conditions: 3.0V
< VDD < 6.0V, -40˚C < TA < +125˚C, unless otherwise stated. Current consumption is spec-
ified in Table 12-1.
TABLE 12-3:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions: 3.0V < VDD < 6.0V, -40
°C < TA < +125°C, unless otherwise stated. Current consumption is spec-
ified in Table 12-1.
Characteristics
Sym
Min
Typ
Max
Units
Comments
Input offset voltage
-
± 5.0
± 10
mV
Input common mode voltage*
0
-
VDD - 1.5
V
CMRR*
35
-
-
db
Response Time(1)*
-
150
400
600
ns
ns
PIC16C64X/66X
PIC16LC64X/66X
Comparator Mode Change to
Output Valid*
--
10
µs
* These parameters are characterized but not tested.
Note 1: Response time measured with one comparator input at (VDD - 1.5)/2 while the other input transitions from
VSS to VDD.
Characteristics
Sym
Min
Typ
Max
Units
Comments
Resolution
VDD/24
-
VDD/32
LSb
Absolute Accuracy
-
-
-
-
1/4
1/2
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Unit Resistor Value (R)*
-
2k
-
Ω
Figure 8-2
Settling Time(1)*
-
-
10
µs
* These parameters are characterized but not tested.
Note 1: Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com