Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C641-04E/TQ Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16C641-04E/TQ
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04E/TQ Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16C641-04E/TQ Datasheet HTML 90Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 91Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 92Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 93Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 94Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 95Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 96Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 97Page - Microchip Technology PIC16C641-04E/TQ Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 136 page
background image
PIC16C64X & PIC16C66X
DS30559A-page 94
Preliminary
© 1996 Microchip Technology Inc.
12.3
DC Characteristics:
PIC16C641/661 (Commercial, Industrial, Automotive)
PIC16C642/662 (Commercial, Industrial, Automotive)
PIC16LC641/661 (Commercial, Industrial)
PIC16LC642/662 (Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40
°C ≤ TA ≤ +85°C
for industrial,
0
°C
≤ TA ≤ +70°C
commercial, and
–40
°C ≤ TA ≤ +125°C automotive
Operating voltage VDD range as described in DC spec Section 12.1 and 12.2
Param
No.
Sym
Characteristic
Min
Typ
†
Max
Unit
Conditions
VIL
Input Low Voltage
I/O ports
D030
with TTL buffer
VSS
VSS
-
-
0.15VDD
0.8V
V
V
For entire VDD range
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger input
VSS
-
0.2VDD
V
D032
MCLR, RA4/T0CKI,OSC1 (in
RC mode)
Vss
-
0.2VDD
V
(1)
D033
OSC1 (XT and HS modes)
Vss
-
0.3VDD
V
OSC1 (LP modes)
Vss
-
0.6VDD-1.0
V
VIH
Input High Voltage
I/O ports
D040
with TTL buffer
2.0
-
VDD
V
D041
with Schmitt Trigger input
0.25VDD
to 0.8V
-VDD
V
D042
MCLR RA4/T0CKI
0.8VDD
-VDD
V
D043
D043A
OSC1 (XT, HS, LP modes)
OSC1 (RC mode)
0.7VDD
0.9VDD
-
-
VDD
-
V
V
(1)
D070
IPURB
PORTB weak pull-up current
50
200
400
µAVDD = 5.0V, VPIN = VSS
IIL
Input Leakage Current(2,3)
I/O ports (Except PORTA)
--
±1.0
µAVSS ≤ VPIN ≤ VDD,
pin at hi-impedance
D060
PORTA
-
-
±0.5
µA Vss ≤ VPIN ≤ VDD,
pin at hi-impedance
D061
RA4/T0CKI
-
-
±1.0
µA Vss ≤ VPIN ≤ VDD
D063
OSC1, MCLR
--
±5.0
µA Vss ≤ VPIN ≤ VDD, XT, HS and LP
osc configuration
VOL
Output Low Voltage
D080
I/O ports
-
-
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
° to +85°C
-
-
0.6
V
IOL = 7.0 MA, VDD = 4.5V, +125
°C
D083
OSC2/CLKOUT
-
-
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
° to +85°C
(RC only)
-
-
0.6
V
IOL = 1.2 mA, VDD = 4.5V, +125
°C
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the
PIC16C64X & PIC16C66X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels repre-
sent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com