Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2696MXAX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 6Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 7Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 8Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 9Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 10Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 11Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 12Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 13Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
L =
(VIN - VOUT) D
0.3 fSW IOUT
'IL =
(VIN - VOUT) D
L fSW
fSW =
D
TON
10
3 kHz
RON =
(VIN - VD)
‡ '
10
6
kON
‡ ISW
k
TON =
kON RON
VIN - VD
10
-3
Ps
LM2696
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
The switching frequency of the LM2696 is set by the resistor connected to the RON pin. This resistor controls the
current flowing into the RON pin and is directly related to the on-time pulse. Connecting a resistor from this pin to
PVIN allows the switching frequency to remain constant as the input voltage changes. In normal operation this
pin is approximately 0.65V above GND. In shutdown, this pin becomes a high impedance node to prevent current
flow.
The ON time may be expressed as:
where
•
VIN is the voltage at the high side of the RON resistor (typically PVIN)
•
VD is the diode voltage present at the RON pin (0.65V typical)
•
RON is in kΩ
•
kON is a constant value set internally (66 µA•µs nominal).
(3)
This equation can be re-arranged such that RON is a function of switching frequency:
where
•
fSW is in kHz.
(4)
In CCM the frequency may be determined using the relationship:
(5)
(TON is in µs)
Which is typically used to set the switching frequency.
Under no condition should a bypass capacitor be connected to the RON pin. Doing so couples any AC
perturbations into the pin and prevents proper operation.
INDUCTOR SELECTION
Selecting an inductor is a process that may require several iterations. The reason for this is that the size of the
inductor influences the amount of ripple present at the output that is critical to the stability of an adaptive on-time
circuit. Typically, an inductor is selected such that the maximum peak-to-peak ripple current is equal to 30% of
the maximum load current. The inductor current ripple (
ΔIL) may be expressed as:
(6)
Therefore, L can be initially set to the following by applying the 30% guideline:
(7)
The other features of the inductor that should be taken into account are saturation current and core material. A
shielded inductor or low profile unshielded inductor is recommended to reduce EMI.
OUTPUT CAPACITOR
The output capacitor size and ESR have a direct affect on the stability of the loop. This is because the adaptive
on-time control scheme works by sensing the output voltage ripple and switching appropriately. The output
voltage ripple on a buck converter can be approximated by assuming that the AC inductor ripple current flows
entirely into the output capacitor and the ESR of the capacitor creates the voltage ripple. This is expressed as:
ΔVOUT≈ ΔIL • RESR
(8)
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com