Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2696MXAX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 7Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 8Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 9Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 10Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 11Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 12Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 13Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 14Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Cff_MAX =
(VIN_MIN - VFB) x TON_MIN
0.03V x Rff
pF
Rff
RFB1
RFB2
Cff
SW
FB
L
COUT
VOUT
H =
VOUT
VFB
=
VOUT
1.25V
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
To ensure stability, two constraints need to be met. These constraints are the voltage ripple at the feedback pin
must be greater than some minimum value and the voltage ripple must be in phase with the switch pin.
The ripple voltage necessary at the feedback pin may be estimated using the following relationship:
ΔVFB > −0.057 • fSW + 35
where
•
fSW is in kHz
•
ΔVFB is in mV.
(9)
This minimum ripple voltage is necessary in order for the comparator to initiate switching. The voltage ripple at
the feedback pin must be in-phase with the switch. Because the ripple due to the capacitor charging and
capacitor ESR are out of phase, the ripple due to capacitor ESR must dominate.
The ripple at the output may be calculated by multiplying the feedback ripple voltage by the gain seen through
the feedback resistors. This gain H may be expressed as:
(10)
To simplify design and eliminate the need for high ESR output capacitors, an RC network may be used to feed
forward a signal from the switchpin to the feedback (FB) pin. See the ‘RIPPLE FEED FORWARD’ section for
more details.
Typically, the best performance is obtained using POSCAPs, SP CAPs, tantalum, Niobium Oxide, or similar
chemistry type capacitors. Low ESR ceramic capacitors may be used in conjunction with the RC feed forward
scheme; however, the feed forward voltage at the feedback pin must be greater than 30 mV.
RIPPLE FEED FORWARD
An RC network may be used to eliminate the need for high ESR capacitors. Such a network is connected as
shown in Figure 18.
Figure 18. RC Feed Forward Network
The value of Rff should be large in order to prevent any potential offset in VOUT. Typically the value of Rff is on the
order of 1 M
Ω and the value of RFB1 should be less than 10 kΩ. The large difference in resistor values minimizes
output voltage offset errors in DCM. The value of the capacitor may be selected using the following relationship:
where
•
on-time (TON_MIN) is in µs
•
resistance (Rff) is in MΩ.
(11)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com