Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2696MXAX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 12Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 13Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 14Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 15Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 16Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 17Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 18Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 19Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
IAVERAGE
Time (s)
Continuous Conduction Mode (CCM)
Inductor Current
fSW =
2 L VOUT IOUT
TON
2
VIN (VIN - VOUT)
IBOUNDARY =
(VIN - VOUT) D
2 L fSW
2.5
3
3.5
4
4.5
5
5.5
LOAD CURRENT (A)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
LM2696
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
www.ti.com
The last benefit of this scheme is when the short circuit is removed, and full load is re-applied, the part will
automatically recover into the load. The variation in the off-time removes the constraints of other frequency fold
back systems where the load would typically have to be reduced.
Figure 22. Normalized Output Voltage
Versus Load Current
MODES OF OPERATION
Since the LM2696 utilizes a catch diode, whenever the load current is reduced to a point where the inductor
ripple is greater than two times the load current, the part will enter discontinuous operation. This is because the
diode does not permit the inductor current to reverse direction. The point at which this occurs is the critical
conduction boundary and can be calculated by the following equation:
(19)
One advantage of the adaptive on-time control scheme is that during discontinuous conduction mode the
frequency will gradually decrease as the load current decreases. In DCM the switching frequency may be
determined using the relationship:
(20)
It can be seen that there will always be some minimum switching frequency. The minimum switching frequency is
determined by the parameters above and the minimum load presented by the feedback resistors. If there is some
minimum frequency of operation the feedback resistors may be sized accordingly.
The adaptive on-time control scheme is effectively a pulse-skipping mode, but since it is not tied directly to an
internal clock, its pulse will only occur when needed. This is in contrast to schemes that synchronize to a
reference clock frequency. The constant on-time pulse-skipping/DCM mode minimizes output voltage ripple and
maximizes efficiency.
Several diagrams are shown in Figure 23 illustrating continuous conduction mode (CCM), discontinuous
conduction mode (DCM), and the boundary condition.
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com