Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5009ASDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009ASDX/NOPB
Description  100-V 150-mA Constant On-Time Buck Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009ASDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM5009ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5009A
SNVS608G – JUNE 2009 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, unless otherwise stated
(1).
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Current Limit
Current Limit Threshold
0.24
0.3
0.36
A
Current Limit Response Time
Iswitch Overdrive = 0.1A, Time to Switch Off
350
ns
TOFF-1
OFF time generator
FB=0V, RCL = 100K
35
µs
TOFF-2
OFF time generator
FB=2.3V, RCL = 100K
2.56
µs
On Time Generator
TON - 1
Vin = 10V, Ron = 200K
2.15
2.77
3.5
µs
TON - 2
Vin = 95V, Ron = 200K
200
300
420
ns
Remote Shutdown Threshold
Rising
0.40
0.70
1.05
V
Remote Shutdown Hysteresis
35
mV
Minimum Off Time
Minimum Off Timer
FB = 0V
300
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference, Trip point for switch ON
2.445
2.5
2.550
V
FB Over-Voltage Threshold
Trip point for switch OFF
2.875
V
FB Bias Current
100
nA
Thermal Shutdown
Tsd
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Resistance
θJA
Junction to Ambient
VSSOP Package
200
°C/W
WSON Package
40
°C/W
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5009A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com