Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5009ASDX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009ASDX/NOPB
Description  100-V 150-mA Constant On-Time Buck Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009ASDX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5009ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 9Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 10Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 11Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 12Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TOFF =
VFB
(6.35 x 10
-6
x RCL)
0.285 +
10
-5
STOP
RUN
RT
LM5009A
RT/SD
VIN
Input
Voltage
LM5009A
www.ti.com
SNVS608G – JUNE 2009 – REVISED FEBRUARY 2013
RT should be selected for a minimum on-time (at maximum VIN) greater than 400 ns, for proper current limit
operation. This requirement limits the maximum frequency for each application, depending on VIN and VOUT.
The LM5009A can be remotely disabled by taking the RT/SD pin to ground. See Figure 11. The voltage at the
RT/SD pin is between 1.5 and 3.0 volts, depending on Vin and the value of the RT resistor.
Figure 11. Shutdown Implementation
Current Limit
The LM5009A contains an intelligent current limit OFF timer. If the current in the Buck switch exceeds 0.3A the
present cycle is immediately terminated, and a non-resetable OFF timer is initiated. The length of off-time is
controlled by an external resistor (RCL) and the FB voltage (see the graph Current Limit Off-Time vs. VFB and
RCL). When FB = 0V, a maximum off-time is required, and the time is preset to 35µs. This condition occurs when
the output is shorted, and during the initial part of start-up. This amount of time ensures safe short circuit
operation up to the maximum input voltage of 95V. In cases of overload where the FB voltage is above zero volts
(not a short circuit) the current limit off-time will be less than 35µs. Reducing the off-time during less severe
overloads reduces the amount of foldback, recovery time, and the start-up time. The off-time is calculated from
the following equation:
(5)
The current limit sensing circuit is blanked for the first 50-70ns of each on-time so it is not falsely tripped by the
current surge which occurs at turn-on. The current surge is required by the re-circulating diode (D1) for its turn-
off recovery.
N-Channel Buck Switch and Driver
The LM5009A integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.01
µF ceramic capacitor (C4) connected between the BST pin and SW pin provides the voltage to the driver during
the on-time.
During each off-time, the SW pin is at approximately 0V, and the bootstrap capacitor charges from Vcc through
the internal diode. The minimum OFF timer, set to 300ns, ensures a minimum time each cycle to recharge the
bootstrap capacitor.
The internal pre-charge switch at the SW pin is turned on for
≊150 ns during the minimum off-time period,
ensuring sufficient voltage exists across the bootstrap capacitor for the on-time. This feature helps prevent
operating problems which can occur during very light load conditions, involving a long off-time, during which the
voltage across the bootstrap capacitor could otherwise reduce below the Gate Drive UVLO threshold. The pre-
charge switch also helps prevent startup problems which can occur if the output voltage is pre-charged prior to
turn-on. After current limit detection, the pre-charge switch is turned on for the entire duration of the forced off-
time .
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5009A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com