Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5009ASDX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009ASDX/NOPB
Description  100-V 150-mA Constant On-Time Buck Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009ASDX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM5009ASDX/NOPB Datasheet HTML 1Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 2Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 3Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 4Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 5Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 6Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 7Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 8Page - Texas Instruments LM5009ASDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RT/SD
FB
VIN
SW
RTN
BST
6V - 95V
Input
LM5009A
SHUTDOWN
RCL
VCC
VIN
GND
RCL
RT
C1
C3
C4
L1
D1
RFB2
RFB1
R3
C2
GND
VOUT
LM5009A
www.ti.com
SNVS608G – JUNE 2009 – REVISED FEBRUARY 2013
100-V 150-mA Constant On-Time Buck Switching Regulator
Check for Samples: LM5009A
1
FEATURES
DESCRIPTION
The LM5009A is a functional variant of the LM5009
2
•
Operating input voltage range: 6V to 95V
COT
Buck
Switching
Regulator.
The
functional
•
Integrated 100V, N-Channel buck switch
differences of the LM5009A are: The minimum input
•
Internal start-up regulator
operating voltage is 6 volts, the on-time equation is
slightly different, and the requirement for a minimum
•
No loop compensation required
load current is removed.
•
Ultra-Fast transient response
The
LM5009A
Step
Down
Switching
Regulator
•
On time varies inversely with input voltage
features all of the functions needed to implement a
•
Operating frequency remains constant with
low cost, efficient, Buck bias regulator. This high
varying line voltage and load current
voltage regulator contains an 100 V N-Channel Buck
•
Adjustable output voltage from 2.5V
Switch. The device is easy to implement and is
provided in the VSSOP-8 and the thermally enhanced
•
Highly efficient operation
WSON-8 packages. The regulator is based on a
•
Precision internal reference
control
scheme
using
an
ON
time
inversely
•
Low bias current
proportional to VIN. This feature allows the operating
frequency to remain relatively constant. The control
•
Intelligent current limit
scheme requires no loop compensation. An intelligent
•
Thermal shutdown
current limit is implemented with forced OFF time,
•
VSSOP-8 and WSON-8 (4mm x 4mm) packages
which is inversely proportional to Vout. This scheme
ensures short circuit control while providing minimum
APPLICATIONS
foldback. Other features include: Thermal Shutdown,
VCC under-voltage lockout, Gate drive under-voltage
•
Non-Isolated Telecommunication Buck
lockout, Max Duty Cycle limiter, and a pre-charge
Regulator
switch.
•
Secondary High Voltage Post Regulator
•
+42V Automotive Systems
Typical Application, Basic Step-Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5009ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5009ASDX NSC-LM5009ASDX Datasheet
401Kb / 16P
100V, 150 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM5009ASDX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
350 mA Constant On-Time Buck Switching Regulator
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
100V, 150 mA Constant On-Time Buck Switching Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
100-V 350-mA Constant On-Time Buck Switching Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
100-V, 100-mA Constant On-Time Synchronous Buck Regulator
SM72485 TI-SM72485_15 Datasheet
1Mb / 23P
100V, 150 mA Constant On-Time Buck Switching Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com