Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFM3000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFM3000
Description  Fully calibrated & temperature compensated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM3000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFM3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.sensirion.com
Version 2 – February 2014
2/7
1. Sensor Performance
1.1
Physical specifications 1
Parameter
Condition
Value
Unit
Flow Ranges
Air/N2/O2
-200 … +200 2
slm 3
Update Time
14 bit
0.5
ms
Max.
Typ.
Accuracy 4,5,6,7
span
offset
±2.5
± 0.1
±1.5
± 0.05
% m.v. 8
slm
Repeatability 4,7
span
offset
±1
± 0.05
±0.5
± 0.02
% m.v.
slm
Noise Level 4,7
span
offset
±1
± 0.1
±0.5
± 0.05
% m.v.
slm
Accuracy Shift Due to
Temperature Variation 9
span
offset
± 0.75
± 0.0
± 0.25
± 0.0
% m.v./10°C
slm
Position sensitivity 10
non-horizontal position
< 0.05
slm
Pressure Drop
@60slm
@200slm
< 100 / < 0.4
< 600 / < 2.4
Pa / inH2O
1.2
Media compatibility
Parameter
Value
Calibration 11
Air, N2, O2
Media Compatibility
Air, N2, O2, other non- aggressive gases
Wetted Materials
PPE+PS blend (Noryl HN731SE, medical grade: biocompatible; ISO 10993 or USP
Class VI), Si, Si3N4, SiOx, Gold, Epoxy (FR04, FP4401), , Polyurethane, stainless
steel (DIN 1.4301/AISI 304, annealed),
RoHS, REACH, WEEE
RoHS, REACH and WEEE compliant
1.3
Ambient conditions
Parameter
Condition
Value
Unit
Calibrated Temperature Range
15-95% rel. hum. (non cond.)
-20 … +85
°C
Operating Temperature Range
15-95% rel. hum. (non cond.)
-40 … +85
°C
Storage Temperature
10-95% rel. hum. (non cond.)
-40 … +85
°C
Operating Pressure Range
absolute
0.7 – 1.3
bar
Burst Overpressure
gauge
> 1
bar
1
Unless otherwise noted, all sensor specifications are valid at 25°C with Vdd = 5V and absolute pressure = 966 mbar.
2
Optional calibration up to ±300 slm range is available for large volume projects
3
In standard liter per minute at 20°C and 1013 mbar
4
With ideal inlet and outlet conditions, at VDD = 5V, 25°C, absolute pressure = 966 mbar
5
Including offset, non-linearity, hysteresis
6
Sensor position horizontal (see Section 4.1)
7
Span or offset value, whichever is larger
8
In % of measured value (m.v.) = of rate = of reading
9
Shift due to temperature variation compared to calibration temperature
10
See Section 4.1
11
Contact Sensirion for information about other gases, wider calibrated temperature ranges and higher storage temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com