Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFM3000 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SFM3000
Description  Fully calibrated & temperature compensated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM3000 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SFM3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensirion.com
Version 2 – February 2014
5/7
3.4
Mechanical fitting
Fittings of the SFM3000 sensor correspond to the
international standard ISO5356-1:2004. Details about this
type of connection can be found in the description of the
standard. To minimize the risk of connectors being
accidentally disconnected, latching connectors can be
suggested.
It is also possible to insert O-rings in the grooves and
attach tubes with an inner diameter of 23 mm to the
SFM3000.
Cross section of recommended O-ring
4. Instructions for Use
4.1
Calibration orientation
The sensors are calibrated horizontally as depicted in the
following graph:
4.2
Inlet flow conditions
In order to provide good flow conditions, the inner
diameter of the connecting tube has to be approximately
the same as the inner diameter of the SFM3000 main flow
channel. The inlet tube has to be straight and at least 10
cm in length. The SFM3000 is equipped with meshes on
the in- and outlets of the flow channel to reduce
turbulences and thus improve the stability.
Please refer to the application note “Inlet conditions for the
SFM3000 Mass flow meters” for more information.
4.3
Temperature compensation
The SFM3000 sensor features digital temperature
compensation. The temperature is measured on the
CMOSens® chip by an on-chip temperature sensor. This
data is fed to a compensation circuit that is also integrated
on the CMOSens® sensor chip. Thus, no external
temperature compensation is necessary.
4.4
Sensor handling
The SFM3000 sensor is designed to be robust and shock
resistant. Nevertheless, the accuracy of the high-precision
SFM3000 can be degraded by rough handling. Sensirion
does not guarantee proper operation in case of improper
handling. Note: avoid applying any mechanical stress to
the solder joints of the sensor during or as a result of PCB
assembly.
4.5
ESD
The electronics of the SFM3000 sensor consist of a single
automotive qualified chip. It complies with the following
ESD norms:
-
AEC Q 100 002 (4kV HBM)
-
AEC Q 100 003 (200V MM)
Although the sensor complies with these norms, it does
not mean the sensor is immune against ESD.
The sensor is shipped in an antistatic tray to prevent
electrostatic discharge. To avoid damage to the sensor,
ground yourself using a grounding strap or by touching a
grounded object before touching the sensor. Furthermore,
store the parts in an antistatic package when not in use.
4.6
I2C Interface and communication
Due to I2C interface restrictions, the cable length from the
sensor to the microprocessor is recommended to be as
short as possible and certainly not above 30 cm. For wires
longer than 10 cm it is mandatory to shield the SDA and
SCL.
In case data is read from the sensor, the first data byte of
the transaction must always be acknowledged by the
master.
It must be possible to reset the sensor through a hard
reset, i.e. powering off and on the sensor, in case the
sensor freezes.
I2C Communication details are given in the application
note “I2C Functional Description for SFM3000”.
d1 = 19mm
d2 = 2mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com