Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFM3000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SFM3000
Description  Fully calibrated & temperature compensated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM3000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SFM3000 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.sensirion.com
Version 2 – February 2014
3/7
2. Electrical Specifications
2.1
Electrical characteristics
Electrical properties
Condition
Value
Unit
Interface
I2C
Default Sensor Address
64 (h40)
Soft Reset Time
80
ms
Start-up Time 12
Max.
100
ms
Supply Voltage (VDD)
5V +/-5%
V
Communication Level
High
Low
Min.
Max.
V
2.5
GND
VDD
1.1
Power Consumption
< 50
mW
Electrical Connector
2 mm pitch, 4 pins in a row
Output signal resolution
1413
bit
Scale Factor Flow
Air, N2
O2
140
142.8
1/slm
Offset Flow
32’000
12
After 4.75V is reached
13
16 bit with two least significant bits always zero
2.2
Pin layout and mechanical concept of the
electrical connection
The SFM3000 is designed for both connector attachment
and through-hole technology hand-soldering to a PCB.
2.2.1
Connector attachment
The SFM3000 sensor’s 4-pin 2 mm pitch electrical
connector is compatible with Molex DuraClik™ socket
(Molex product number: 502351-0400). For this type of
connection please order the SFM3000 with a cap
(according to the ordering information in Chapter 5).
Diverse 4-core flat ribbon cables with crimp fittings can be
used for electrical connection.
2.2.2
PCB soldering
Standard selective soldering systems may be used for
soldering SFM3000 sensors. Reflow soldering is not
feasible and may damage the sensor. The sensor ports
must be protected from solder splash and flux during
soldering. The characteristics of selective soldering
machines vary, so any soldering setup must be tested
before production use.
2.3
Conversion to Physical Values
In order to obtain the measured flow in [slm], the
measured value needs to be converted using the following
formula:
Please note that the first measurement performed directly
after chip initialization is not valid.
Positive flow direction
(as marked on the sensor body)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com