Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFM4100 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SFM4100
Description  Calibrated and temperature compensated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM4100 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SFM4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFM4100 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.sensirion.com
Version 1.3 – January 2013
6/9
7. Mechanical Specifications
7.1
Mechanical concept
The SFM4100 Series is designed for both through-hole
technology hand-soldered to a PCB or downmount
configuration for mounting on the manifold.
For mounting on a basis plate 4 screw holes (Ø=3.42mm)
are available (see Figure 1: position 0/0).
The flow connection is realized with Legris carstick 6mm
quick connectors, and thus standard-size plastic tubes
(OD 6 mm) are best used.
7.2
Mechanical characteristics
Parameter
Flow connector
Legris Carstick 6mm / Downmount
Electrical connector
E-Tec: SL2-008-SH108/01-55B or
Samtec: HTSW-104-07-6.D
Allowable
overpressure
10 bar
Rated burst pressure
> 20 bar
Weight
< 60 g
7.3
SFM4100 – Physical Dimensions
Figure 1: Straight-through flow channel geometry (all
dimensions are in mm)
Figure 2: Downmount version with 90° angle (all dimensions are
in mm)
7.4
Pin Layout
Figure 3: Pin Layout SFM4100
Gas Flow
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com