Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS0260CSSC28SUD20 Datasheet(PDF) 56 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 56 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 52Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 53Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 54Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 55Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 56Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 59Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
56
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
The AS0260 does not maintain coherency between UVC_POWER_LINE_FREQUENCY_-
CONTROL and the CAM Control variable equivalent. Issue a Refresh command to force
coherency.
Hue Control
The hue control sets the amount of hue adjustment (rotation) applied by the AS0260.
Hue adjustment is global—it affects all pixels in the image.
The AS0260 does not support every code within the permitted range; the AS0260 will
round the set value to the nearest supported code.
Saturation Control
The AS0260 supports a brightness-dependent saturation control, exposed through the
CAM control interface. The actual amount of saturation applied (each frame) is depen-
dent upon the estimated brightness of the scene. This allows the AS0260 to adapt to
various scene lighting conditions. This is very similar to the contrast control adaption.
A lowlight saturation value of zero means no color-correction. A UVC saturation of zero
means grey-scale; a monochrome image. In both cases, a value of 128 means 'unity' - the
CCM will not be altered. In both cases, a value above 128 results in a 'boosted' CCM.
Sharpness Control
Controls the amount of sharpening adjustment applied to the image by the AS0260.
The AS0260 supports a brightness-dependent sharpness control, exposed through the
CAM control interface. The actual amount of sharpening applied (each frame) is depen-
dent upon the estimated brightness of the scene. This allows the AS0260 to adapt to
various scene lighting conditions. This is very similar to the contrast control adaption -
see section 6.7.
The CAM control interface provides two sharpness controls; one for brighter scenes, and
one for dark scenes. These correspond to the brightness-metric knee points. If the
brightness-metric is below the start point, the Lowlight algorithm applies the 'bright'
sharpness. If the metric is above the stop point, the 'dark' setting is applied. If the metric
is between the two points, the Lowlight algorithm calculates the sharpness by linear
interpolation between the 'bright' and 'dark' settings, proportional to the brightness-
metric. The result of the Lowlight calculation is termed the 'lowlight' sharpness.
Variable
Name
Type
Default
R0xCC10
VAR(0x13,0x0010)
UVC_HUE_CONTROL
INT16
Dependent upon CAM
configuration
Variable
Name
Type
Default
R0xCC12
VAR(0x13,0x0012)
UVC_SATURATION_CONTROL
UINT16
UFIXED7
128 (unity)
Variable
Name
Type
Default
R0xCC14
VAR(0x13,0x0014)
UVC_SHARPNESS_CONTROL
INT16
0 (no sharpening adjustment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com