Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS0260CSSC28SUD20 Datasheet(PDF) 61 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 61 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 57Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 58Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 59Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 60Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 61Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 62Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 63Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 64Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
61
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
The flicker avoidance configuration variable allows the host to select between these two
modes. Note that if the outdoor mode is disabled, bright scenes may result in an overex-
posed image, as the minimum exposure time may not prevent saturation.
Multi-Camera Sync
The AS0260 supports more than one device to be connected in a “daisy-chain” type
configuration. One of the devices will act as the master and the remainder will be slaves.
A typical connection diagram is shown inFigure 33. All of the AS0260 that are to commu-
nicate are:
• Connected in a daisy-chain using SADDR as an input and CHAIN as an output.
• Clocked from a common clock source
• Controlled from a single master, presumed to be under software control of a host
system.
When only two AS0260 image sensors need to be synchronized, as is the case in a 3D
camera application, the AS0260 offers an additional feature of synchronized auto expo-
sure and auto white balance. In this mode, the slave device mimics the exposure and
white balance settings of the master device.
Figure 33:
Multi-Camera Connection
SADDR is normally used as a static input that selects between two slave device addresses
(See Figure 34. In order to implement the multi-sync function this input now has addi-
tional functionality that does not interfere with its use as device address selection.
Figure 34:
Normal Use of SADDR
Host
AS0260
AS0260
AS0260
AS0260
SDATA
SDATA
SDATA
SDATA
SADDR
SADDR
SADDR
SADDR
SCLK
SCLK
SCLK
SCLK
EXTCLK
EXTCLK
EXTCLK
EXTCLK
CHAIN
CHAIN
CHAIN
GND
Logic1
Logic1
Logic1
CHAIN
AS0260 (1)
(Master)
device = ID0
AS0260 (2)
device = ID1
AS0260 (3)
device = ID1
AS0260 (4)
device = ID1
slave Device
ID
SADDR
ID0 (Default: 0x90)
ID1 (Default: 0xBA)
R0x002E
(USER_DEFINED_DEVICE_ADDRESS_ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com