Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS0260CSSC28SUD20 Datasheet(PDF) 77 Page - ON Semiconductor

Part # AS0260CSSC28SUD20
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 Datasheet(HTML) 77 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 73Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 74Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 75Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 76Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 77Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 78Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 79Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 80Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 81Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
77
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Notes:
1. VIH/VIL restrictions apply.
Figure 44:
Parallel Pixel Bus Timing Diagram
Notes:
1. FRAME_VALID leads LINE_VALID by 6 PIXCLKs.
2. FRAME_VALID trails LINE_VALID by 6 PIXCLKs.
Table 26:
AC Electrical Characteristics
EXTCLK = 24 MHz; REG_IN0 = VDD_PHY = 1.8V; VDD_IO = VAA = VAA_PIX = 2.8V; TJ = 25°C unless otherwise stated
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note
s
fEXTCLK
External clock frequency
6
54
MHz
1
DEXTCLK
External input clock duty cycle
40
50
60
%
tJITTER
External input clock jitter
500
ps
fPIXCLK
Pixel clock frequency
6
96
MHz
tRPIXCLK
Pixel clock rise time
CLOAD =25pf
ns
tFPIXCLK
Pixel clock fall time
CLOAD =25pf
ns
tPD
PIXCLK to data valid
ns
tPFH
PIXCLK to FV HIGH
ns
tPFL
PIXCLK to FV LOW
ns
tPLH
PIXCLK to LV HIGH
ns
tPLL
PIXCLK to LV LOW
ns
PIXCLK slew rate
Programmable Slew = 7
VDD_IO = 2.8V, CLOAD =25pf
V/ns
VDD_IO = 1.8V, CLOAD =25pf
V/ns
Programmable Slew = 4
VDD_IO = 2.8V, CLOAD =25pf
V/ns
VDD_IO = 1.8V, CLOAD =25pf
V/ns
Programmable Slew = 0
VDD_IO = 2.8V, CLOAD =25pf
V/ns
VDD_IO = 1.8V, CLOAD =25pf
V/ns
Output slew rate
Programmable Slew = 7
VDD_IO = 2.8V, CLOAD =25pf
V/ns
VDD_IO = 1.8V, CLOAD =25pf
V/ns
Programmable Slew = 4
VDD_IO = 2.8V, CLOAD =25pf
V/ns
VDD_IO = 1.8V, CLOAD =25pf
V/ns
Programmable Slew = 0
VDD_IO = 2.8V, CLOAD =25pf
V/ns
VDD_IO = 2.8V, CLOAD =25pf
V/ns
PIXCLK
FRAME_VALID,
LINE_VALID
tPFL
tPLL
tPFH
tPLH
tPD
3
1
2
DOUT[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com