Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5032MTC/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032MTC/NOPB
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM5032MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 27Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 28Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 29Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 30Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
Figure 32 illustrates the switching nodes of the two interleaved phases, and the resulting output ripple at twice
the switching frequency. This was measured at Vin of 24 V, where duty cycle is approx. 50% and maximum
ripple-cancellation occurs.
Figure 31. Efficiency vs. Load and Vin
Figure 32. Output Ripple at 24-V Vin
9 Power Supply Recommendations
The VCC pin requires a local decoupling capacitor to ground for stability of the internal regulator from the VIN
pin. This decoupling capacitor also provides the current pulses to drive the gates of the external MOSFETs
through the driver output pins. The decoupling capacitor should be placed close to the VCC and GND1/GNS2
pins, and should be tracked directly to the pins.
The two ground pins (GND1 and GND2) must be connected together with a short direct connection.
10 Layout
10.1 Layout Guidelines
The LM5032 Current Sense and PWM comparators are very fast, and respond to short duration noise pulses.
The components at the CS, COMP, SS, DCL, UVLO, and the RT/SYNC pins should be as physically close as
possible to the IC, thereby minimizing noise pickup in the PC board tracks.
Layout considerations are critical for the current sense filter. If current sense transformers are used, both leads of
each transformer secondary should be routed to the sense filter components and to the IC pins. The ground side
of each transformer should be connected via a dedicated PC board track to its appropriate GND pin, rather than
through the ground plane.
If the current sense circuits employ sense resistors in the drive transistor sources, low inductance resistors
should be used. In this case, all the noise sensitive low current ground tracks should be connected in common
near the IC, and then a single connection made to the power ground (sense resistor ground point). The outputs
of the LM5032 should have short direct paths to the power MOSFETs in order to minimize inductance in the PC
board traces.
The two ground pins (GND1, GND2) must be connected together with a short direct connection to avoid jitter due
to relative ground bounce in the operation of the two regulators.
If the internal dissipation of the LM5032 produces high junction temperatures during normal operation, the use of
wide PC board traces can help conduct heat away from the IC. Judicious positioning of the PC board within the
end product, along with use of any available air flow (forced or natural convection) can help reduce the junction
temperatures.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com