Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5032MTC/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032MTC/NOPB
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5032MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 24Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 25Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 26Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
UVLO
LM5032
1.25V
20 2A
Max. Duty
Cycle Limiter
R1A
R1B
R2
Z1
VPWR
CSS1
PWM
Controller #1
Softstart
#1
COMP1
SS1
Shutdown
Control
PWM
Controller # 2
COMP2
To Output
Drivers
Softstart
# 2
CSS2
SS2
Coupler
Opto -
Coupler
Opto -
LM5032
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
Application Information (continued)
Figure 27. Shutting Down One Regulator Channel
8.1.10 Line Voltage Dependent Maximum Duty Cycle
As VPWR increases and the voltage at UVLO follows, the maximum allowed duty cycle decreases according to
the graph of Figure 9. Using values from the example above (R1 = 150 k
Ω, R2 = 10 kΩ in Figure 22), the
maximum duty cycle varies as shown in Figure 10. If it is desired to increase the slope of the ramp in Figure 10,
Figure 28 shows a suggested configuration. After the LM5032 is enabled, Z1 clamps the voltage across R1B,
and UVLO increases with VPWR at a rate determined by the ratio R2/(R1A + R2).
Figure 28. Altering the Slope of Duty Cycle vs. VPWR
8.1.11 User Defined Max Duty Cycle
The maximum allowed duty cycle at OUT1 and OUT2 can be set with a resistor from DCL to GND1. See
Figure 8 and Equation 2. The default maximum duty cycle (80%) determined by the internal clock signals can be
selected by setting RDCL = RT. The oscillator frequency setting resistor (RT) must be determined before RDCL is
selected. The DCL pin should not be left open.
8.2 Typical Application
Figure 29 shows an example of an LM5032-controlled 200-W interleaved regulator which provides a single
regulated 48-V output. The interleaving of two power stages to a single output reduces the ripple voltage across
both input and output capacitors, and improves the power stage efficiency compared to a single-stage design.
Since the two interleaved control blocks are used to regulate a single combined output, the two soft-start pins
SS1 and SS2 are connected to a single soft-start capacitor, and the two COMP1 and COMP2 pins are
connected together to a single error amplifier.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com