Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5032MTC/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5032MTC/NOPB
Description  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5032MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 19Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 20Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 21Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 22Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 23Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
VCC
8V - 15V (from
external source)
LM5032
GND1
GND2
C1
VIN
V
PWR
tVCC =
C1 x 7.6V
ICC(Lim)
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
Application Information (continued)
8.1.4 VCC
The capacitor at VCC provides not only regulator noise filtering and stability, but also prevents VCC from
dropping to the lower under-voltage threshold level (UVT = 6.2V) when the output drivers source current surges
to the external MOSFET gates. Additionally, the capacitor provides a necessary time delay during startup. The
time delay allows the internal circuitry of the LM5032 and associated external circuitry to stabilize before VCC
reaches the upper UVT threshold level (7.6V), at which time the outputs are enabled and the soft-start sequence
begins. VCC is nominally regulated at 7.7V. The delay to the UVT level (Figure 1) is calculated from the
following:
(5)
where C1 is the capacitor at VCC and ICC(Lim) is the VCC regulator’s current limit. If the capacitor is 0.1 µF, the
nominal ICC(Lim) of 22 mA provides a delay of approximately 35 µs. The capacitor value should range between 0.1
µF and 25 µF. Experimentation with the final design may be necessary to determine the optimum value for the
VCC capacitor.
The average VCC regulator current required to drive the external MOSFETs is a function of the MOSFET gate
capacitance and the switching frequency (see Figure 4). To ensure VCC does not droop below the lower UVT
threshold, an external supply should be diode connected to VCC to provide the required current, as shown in
Figure 24. The applied VCC voltage must be between 8V and 15V. Providing the VCC voltage higher than the
7.7V regulation level with an external supply shuts off the internal regulator, reducing power dissipation within the
IC. Internally there is a diode from the VCC regulator output to VIN. Typically the applied voltage is derived from
an auxiliary winding on the power transformer, or on the output inductor.
Figure 24. External Power to VCC
8.1.5 Oscillator, Sync Input
The oscillator frequency is generally selected in conjunction with the system magnetic components, and any
other aspects of the system which may be affected by the frequency. The RT resistor at the RT/SYNC pin sets
the frequency according to Equation 1. Each output (OUT1 and OUT2) switches at one-half the oscillator
frequency. If the required frequency tolerance is critical in a particular application, the tolerance of the external
resistor and the frequency tolerance specified in the Electrical Characteristics table must be considered when
selecting the RT resistor.
If the LM5032 is to be synchronized to an external clock, that signal must be coupled into the RT/SYNC pin
through a 100 pF capacitor. The external synchronizing frequency must be at least 4% higher than the free
running frequency set by the RT resistor and no higher than twice the free running frequency. The RT/SYNC pin
voltage is nominally regulated at 2.0V and the external pulse amplitude should lift the pin to between 3.8V and
5.0V on the low-to-high transition. The synchronization pulse width should be between 15 and 150 ns. The RT
resistor is always required, whether the oscillator is free running or externally synchronized.
8.1.6 Voltage Feedback, COMP1, COMP2
Each COMP pin is designed to accept a voltage feedback signal from the respective regulated output via an
error amplifier and (typically) an opto-coupler. A typical configuration is shown in Figure 15. VOUT is compared to
a reference by the error amplifier which has an appropriate frequency compensation network. The amplifier’s
output drives the opto-coupler, which in turn drives the COMP pin.
20
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com