Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115AMT/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115AMT/NOPB
Description  Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115AMT/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5115AMT/NOPB Datasheet HTML 14Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 15Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 16Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 17Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 18Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 19Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 20Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 21Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LM5115A
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
www.ti.com
Vphase=10V
CH1 = CO, 5V/Div
CH2 = COMP, 5/Div
CH3 = Iout, 10A/Div
CH4 = SSPR Switch Signal, 4V/Div
Horizontal Resolution= 20 µs/Div
Figure 24. SSPR Short Circuit Transient (No-Load to Short-Circuit)
Negative Current Limit
Under certain conditions synchronous buck regulators are capable of sinking current from the output capacitors.
This energy is stored in the inductor and returned to the input source. The LM5115A detects this current reversal
by detecting a negative voltage being developed across the current sense resistor. The intent of this negative
current comparator is to protect the low-side MOSFET from excessive currents. Excessive negative current can
also lead to a large positive voltage spike on the HS pin at the turn-off of the low-side MOSFET. This voltage
spike may damage the chip if its magnitude exceeds the maximum voltage rating of the part. The negative
current comparator threshold is sufficiently negative to allow inductor current to reverse at no load or light load
conditions. It is not intended to support discontinuous conduction mode with diode emulation by the low-side
MOSFET. The negative current comparator shown in Figure 21 monitors the CV signal and compares this signal
to a fixed 1V threshold. This corresponds to a negative VCL voltage between CS and VOUT of -17mV. The
negative current limit comparator turns off the low-side MOSFET for the remainder of the cycle when the VCL
input falls below this threshold.
Gate Driver Outputs (HO & LO)
The LM5115A provides two gate driver outputs, the floating high-side gate driver HO and the synchronous
rectifier low-side driver LO. The low-side driver is powered directly by the VCC regulator. The high-side gate
driver is powered from a bootstrap capacitor connected between HB and HS. An external diode connected
between VCC and HB charges the bootstrap capacitor when the HS is low. When the high-side MOSFET is
turned on, HB rises with HS to a peak voltage equal to VCC + VHS - VD where VD is the forward drop of the
external bootstrap diode. Both output drivers have adaptive dead-time control to avoid shoot through currents.
The adaptive dead-time control circuit monitors the state of each driver to ensure that one MOSFET is turned off
before the other is turned on. The HB and VCC capacitors should be placed close to the pins of the LM5115A to
minimize voltage transients due to parasitic inductances and the high peak output currents of the drivers. The
recommended range of the HB capacitor is 0.047µF to 0.22µF.
Both drivers are controlled by the PWM logic signal from the PWM latch. When the phase signal is low, the
outputs are held in the reset state with the low-side MOSFET on and the high-side MOSFET off. When the phase
signal switches to the high state, the PWM latch reset signal is de-asserted. The high-side MOSFET remains off
until the PWM latch is set by the PWM comparator (CRMIX > CV as shown in Figure 19). When the PWM latch
is set, the LO driver turns off the low-side MOSFET and the HO driver turns on the high-side MOSFET. The high-
side pulse is terminated when the phase signal falls and SYNC input comparator resets the PWM latch.
18
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com