Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5115AMT/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115AMT/NOPB
Description  Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115AMT/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5115AMT/NOPB Datasheet HTML 15Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 16Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 17Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 18Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 19Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 20Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 21Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 22Page - Texas Instruments LM5115AMT/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature limit is exceeded. When activated, typically at 165 degrees Celsius, the controller is forced into a low
power standby state with the output drivers and the bias regulator disabled. The device will restart when the
junction temperature falls below the thermal shutdown hysteresis, which is typically 25 degrees. The thermal
protection feature is provided to prevent catastrophic failures from accidental device overheating.
Standalone DC/DC Synchronous Buck Mode
The LM5115A can be configured as a standalone DC/DC synchronous buck controller. In this mode the
LM5115A uses leading edge modulation in conjunction with valley current mode control to control the
synchronous buck power stage. The internal oscillator within the LM5115A sets the clock frequency for the high
and low-side drivers of the external synchronous buck power MOSFETs . The clock frequency in the
synchronous buck mode is programmed by the SYNC pin resistor and RAMP pin capacitor. Connecting a
resistor between a dc bias supply and the SYNC pin produces a current, ISYNC, which sets the charging current of
the RAMP pin capacitor. The RAMP capacitor is charged until its voltage reaches the peak ramp threshold of
2.25V. The RAMP capacitor is then discharged for 300ns before beginning a new PWM cycle. The 300ns reset
time of the RAMP pin sets the minimum off-time of the PWM controller in this mode. The internal clock frequency
in the synchronous buck mode is set by ISYNC, the ramp capacitor, the peak ramp threshold, and the 300ns
deadtime.
FCLK ≊ 1 / ((CRAMP x 2.25V) / (ISYNC x 3) + 300ns)
See the LM5115 dc evaluation board application note (AN-1367, literature number SNVA106) for more details on
the synchronous buck mode. Please note that LM5115A is similar to LM5115 except for the tracking feature.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com