Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3430 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADP3430
Description  2??to 3?뭁hase Synchronous Buck Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3430 Datasheet(HTML) 1 Page - ON Semiconductor

  ADP3430 Datasheet HTML 1Page - ON Semiconductor ADP3430 Datasheet HTML 2Page - ON Semiconductor ADP3430 Datasheet HTML 3Page - ON Semiconductor ADP3430 Datasheet HTML 4Page - ON Semiconductor ADP3430 Datasheet HTML 5Page - ON Semiconductor ADP3430 Datasheet HTML 6Page - ON Semiconductor ADP3430 Datasheet HTML 7Page - ON Semiconductor ADP3430 Datasheet HTML 8Page - ON Semiconductor ADP3430 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 2
1
Publication Order Number:
ADP3430/D
ADP3430
8−Bit, Programmable
2− to 3−Phase Synchronous
Buck Controller
The ADP3430 is a highly efficient, multi−phase, synchronous buck
switching regulator controller optimized for converting a 12 V main
supply voltage into the core supply voltage of high performance Intel
processors. It uses an internal 8−bit DAC to read a Voltage
Identification (VID) code directly from the processor, to set the output
voltage between 0.5 V and 1.6 V.
This device uses a multi−mode control architecture to drive the
logic−level PWM outputs. The switching frequency can be
programmed according to VR size and efficiency. The chip can
provide 2− or 3−phase operation, allowing for the construction of up to
four complementary buck switching stages.
The ADP3430 also includes programmable no load offset and load
line slope setting function that adjusts the output voltage as a function
of the load current, optimally positioning it for a system transient. The
ADP3430 also provides accurate and reliable short−circuit protection,
adjustable current limit, and a delayed power−good output that
accommodates On−The−Fly (OTF) output voltage changes requested
by the CPU.
Features
• Selectable 2− or 3−Phase Operation at Up to 1 MHz Per Phase
• ±8 mV Worst−Case Differential Sensing Error
• Logic−Level PWM Outputs for Interface to External High
Power Drivers
• Fast−Enhanced PWM FlexModet for Excellent Load
Transient Performance
• TRDET to Improve Load Release
• Active Current Balancing Between All Output Phases
• Built−In Power−Good/Crowbar Blanking Supports Dynamic
VID Code Changes
• Digitally Programmable 0.5 V to 1.6 V Output Supports
VR11.1 Specification
• Programmable Overcurrent Protection with Programmable
Latchoff Delay
• This is a Pb−Free Device
Typical Applications
• Desktop PC Power Supplies for:
♦ DDR Memory
♦ VRM Modules
http://onsemi.com
PIN ASSIGNMENT
Device
Package
Shipping†
ORDERING INFORMATION
ADP3430JCPZ−RL LFCSP40
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MARKING
DIAGRAM
Package Name
LFCSP40
CASE Number
932AC
ADP3430 = Device Code
#
= Pb−Free Package
YY
= Date Code
ZZ
= Assembly Lot Number
CC
= Country of Origin
ADP3430
#_YYYYYY
ZZZZZZZZ
CCCCC
PIN 1
INDICATOR
1
EN
2
PWRGD
3
FBRTN
4
FB
5
COMP
6
SS
7
DELAY
8
TRDET
9
VRHOT
10
TTSNS
23
SW3
24
SW2
25
SW1
26
ODN
27
NC
28
PWM3
29
PWM2
30
PWM1
22
NC
21
IMON
TOP VIEW
ADP3430


Similar Part No. - ADP3430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
GSM Power Management System
REV.0
ADP3401ARU AD-ADP3401ARU Datasheet
281Kb / 12P
GSM Power Management System
REV.0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
ADP3402ARU AD-ADP3402ARU Datasheet
277Kb / 12P
GSM Power Management System
REV.0
More results

Similar Description - ADP3430

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
CS5422 ONSEMI-CS5422 Datasheet
369Kb / 17P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
July, 2006 ??Rev. 7
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
NCP5422A ONSEMI-NCP5422A_06 Datasheet
163Kb / 16P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
April, 2006 ??Rev. 7
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
NCP81174 ONSEMI-NCP81174 Datasheet
154Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com