Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95233CISDX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233CISDX/NOPB
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233CISDX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM95233CISDX/NOPB Datasheet HTML 1Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 2Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 3Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 4Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
11
12
13
14
SMBus
Master
* Note, place close to LM95233 pins.
** Note, optional - place close to LM95233 pins.
LM95233
1
2
3
4
NC
VDD
NC
NC
SMBCLK
C1*
100 pF
C2
0.1 PF
SMBCLK
SMBDAT
C5**
100 pF
+3.3V
Standby
R4
1.3k
R5
1.3k
D-
D2+
D1+
5
6
7
8
9
10
A0
SMBDAT
PROCESSOR
Q1
MMBT3904
C4**
100 pF
R3
10k
R2
10k
R1
10k
SO
DIMM
C3
10 PF
TCRIT2
TCRIT1
TCRIT3
GND
LM95233
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at SMBDAT, SMBCLK,
TCRIT1, TCRIT2, TCRIT3
−0.5V to 6.0V
Voltage at Other Pins
−0.3V to (VDD + 0.3V)
D
− Input Current
±1 mA
Input Current at All Other Pins (2)
±5 mA
Package Input Current (2)
30 mA
SMBDAT, TCRIT1, TCRIT2,
TCRIT3 Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility (3)
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
Soldering process must comply with Texas Instruments' reflow temperature profile specifications. Refer to SNOA549 (4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to
5 mA. Parasitic components and or ESD protection circuitry are shown in the table below for the LM95233's pins.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged
Device Model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated
assembler) then rapidly being discharged.
(4)
Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com