Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95233CISDX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233CISDX/NOPB
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233CISDX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM95233CISDX/NOPB Datasheet HTML 3Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 4Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 9Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 10Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
LM95233
www.ti.com
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
SMBus DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines =
80 pF. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
The switching characteristics of the LM95233 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM95233. They
adhere to but are not necessarily the SMBus bus specifications.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
fSMB
SMBus Clock Frequency
100
kHz (max)
10
kHz (min)
tLOW
SMBus Clock Low Time
from VIN(0)max to VIN(0)max
4.7
µs (min)
25
ms (max)
tHIGH
SMBus Clock High Time
from VIN(1)min to VIN(1)min
4.0
µs (min)
tR,SMB
SMBus Rise Time
(3)
1
µs (max)
tF,SMB
SMBus Fall Time
(4)
0.3
µs (max)
tOF
Output Fall Time
CL = 400 pF,
250
ns (max)
IO = 3 mA,
(4)
tTIMEOUT
SMBDAT and SMBCLK Time Low for Reset of
25
ms (min)
Serial Interface (5)
35
ms (max)
tSU;DAT
Data In Setup Time to SMBCLK High
250
ns (min)
tHD;DAT
Data Out Stable after SMBCLK Low
300
ns (min)
1075
ns (max)
tHD;STA
Start Condition SMBDAT Low to SMBCLK Low
100
ns (min)
(Start condition hold before the first clock falling
edge)
tSU;STO
Stop Condition SMBCLK High to SMBDAT Low
100
ns (min)
(Stop Condition Setup)
tSU;STA
SMBus Repeated Start-Condition Setup Time,
0.6
µs (min)
SMBCLK High to SMBDAT Low
tBUF
SMBus Free Time Between Stop and Start
1.3
µs (min)
Conditions
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
The output rise time is measured from (VIN(0)max − 0.15V) to (VIN(1)min + 0.15V).
(4)
The output fall time is measured from (VIN(1)min + 0.15V) to (VIN(0)max − 0.15V).
(5)
Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM95233's SMBus state machine,
therefore setting SMBDAT and SMBCLK pins to a high impedance state.
Figure 2. SMBus Communication
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com