Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95233CISDX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233CISDX/NOPB
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233CISDX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM95233CISDX/NOPB Datasheet HTML 18Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 19Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 20Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 21Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 22Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 23Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 24Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 25Page - Texas Instruments LM95233CISDX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LM95233
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Table 7. Register Summary (continued)
Register Name
Comman
Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
d Byte
Write
Default
(Hex)
(Hex)
Local Tcrit Limit
0x40
R/W
0
64
32
16
8
4
2
1
0x55
Remote 1 Tcrit-1 Limit
0x41
R/W
128
64
32
16
8
4
2
1
0x6E
Remote 2 Tcrit-1 Limit
0x42
R/W
128
64
32
16
8
4
2
1
0x6E
Remote 1 Tcrit-2 and Tcrit-3 Limit
0x49
R/W
128
64
32
16
8
4
2
1
0x55
Remote 2 Tcrit-2 and Tcrit-3 Limit
0x4A
R/W
128
64
32
16
8
4
2
1
0x55
Common Tcrit Hysteresis
0x5A
R/W
0
0
0
16
8
4
2
1
0x0A
Manufacturer ID
0xFE
RO
0
0
0
0
0
0
0
1
0x01
Revision ID
0xFF
RO
1
0
0
0
1
0
0
1
0x89
VALUE REGISTERS
For data synchronization purposes, the MSB register should be read first if the user wants to read both MSB and
LSB registers. The LSB will be locked after the MSB is read. The LSB will be unlocked after being read. If the
user reads MSBs consecutively, each time the MSB is read, the LSB associated with that temperature will be
locked in and override the previous LSB value locked-in
Local Value Registers
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
Local Temp MSB
0x10
RO
SIGN
64
32
16
8
4
2
1
–
Local Temp LSB
0x20
RO
1/2
1/4
1/8
0
0
0
0
0
–
Bit(s)
Bit Name
Read/
Description
Write
7
SIGN
RO
Sign bit
The Local temperature MSB value register
range is +127°C to
−128°C. The value
6
64
RO
bit weight 64°C
programmed in this register is used to
5
32
RO
bit weight 32°C
determine a local temperature error event.
4
16
RO
bit weight 16°C
3
8
RO
bit weight 8°C
2
4
RO
bit weight 4°C
1
2
RO
bit weight 2°C
0
1
RO
bit weight 1°C
Bit(s)
Bit Name
Read/
Description
Write
7
1/2
RO
bit weight 1/2°C (0.5°C)
The Local Limit register range is 0°C to
127°C. The value programmed in this
6
1/4
RO
bit weight 1/4°C (0.25°C)
register is used to determine a local
5
1/8
RO
bit weight 1/8°C (0.125°C)
temperature error event.
4-0
0
RO
Reserved – will report "0" when read.
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com