Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE25S161PCTXG Datasheet(PDF) 18 Page - ON Semiconductor

Part # LE25S161PCTXG
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG Datasheet(HTML) 18 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 14Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 15Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 16Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 17Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 18Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 19Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 20Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 21Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
LE25S161
www.onsemi.com
18
10-3. Write Enable (WREN)
Before performing any of the operations listed below, the device must be placed in the write enable state.
• Erase (SSE, SE, CHE or CHE)
• Page Program (PP or PPL)
• Write Status Register (WRSR)
Operation is the same as for setting status register WEN to "1", and the state is enabled by this command.
"Figure 4. Write Enable (WREN)" shows the timing waveforms.
The sequence of WREN operation :
CS goes to low  input WREN command (06h)
 CS goes to high (be executed by the rising CS edge)
SCK
SI
High Impedance
SO
CS
06h
0 1 2 3 4 5 6 7
Mode3
Mode0
8CLK
MSB
Figure 4. Write Enable (WREN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com