Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE25S161PCTXG Datasheet(PDF) 25 Page - ON Semiconductor

Part # LE25S161PCTXG
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG Datasheet(HTML) 25 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 21Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 22Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 23Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 24Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 25Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 26Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 27Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 28Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
LE25S161
www.onsemi.com
25
10-8. Sector Erase (SE)
Sector Erase is an operation that sets the memory cell data in any sector to "1". A sector consists of 64Kbytes.
"Figure 11. Sector Erase (SE)" shows the timing waveforms.
"Figure 33. Sector Erase Flowcharts" shows the flowcharts.
The sequence of SE operation :
CS goes to low  input SE command (D8h)  3 Byte address (A23-A0) input on SI
 CS goes to high (be executed by the rising CS edge)
* A20 to A16 are valid address
After the correct input sequence the internal erase operation is executed by the rising CS edge, and it is completed
automatically by the control e xerc ised by the internal time r (tSE). The end of e rase operation can also be detected by
status register (RDY).
Add
(A7-A0)
Add
(A15-A8)
Add
(A23-A16)
Self-timed
Erase Cycle
SCK
SI
High Impedance
SO
CS
tSE
D8h
15
0 1 2 3 4 5 6 7 8
23
16
24
31
Mode3
Mode0
8CLK
MSB
Figure 11. Sector Erase (SE)
● Address A23 to A21 , A15 to A0 are "Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com