Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
10-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1 kΩ, Fully differential input, VS = +10
V, RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
Output shorted to mid-
Low Swing
–36
-65
supply(7)
High Swing
75
108
High power
Low Swing
-26
-48
ISHORT
Short-circuit current
mA
Medium power
High Swing
60
85
Low Swing
-6
-20
Low power
High Swing
15
36
High power
107
Power supply rejection ratio
PSRR
Mid power
118
dB
VS ±10%
Low power
124
TA = 25°C
15
18
VEN = 8.75
(8)
At the temperature extremes
20
TA = 25°C
8
10
IS
Supply current
VEN = 6.25
(8)
mA
At the temperature extremes
11
TA = 25°C
3
4
VEN = 3.75
(8)
At the temperature extremes
5
Disable voltage threshold(8)
< 1.65
V
TA = 25°C
0.75
0.9
PD
Power-down mode
Shutdown current
mA
At the temperature extremes
0.95
Enable pin current
100
μA
High power
15
ten
Enable time
Mid power
20
ns
Low power
40
10-V AC CHARACTERISTICS
High power
118
Small signal bandwidth
SSBW
Mid power
87
MHz
200 mVp-p differential
Low power
31
High power
507
Slew rate
SR
Mid power
393
V/
μs
2 Vp-p differential(9)
Low power
178
High power
3
Rise time
trise
Mid power
3.9
ns
2 Vp-p differential
Low power
9.7
High power
2.8
Fall time
tfall
Mid power
3.8
ns
2 Vp-p differential
Low power
9.6
2-V step, CL = 20 pF
20
High power
0.1% settling time
ts
ns
2 Vp-p
Mid power
25
Low power
38
High power
4.6
Input referred voltage noise
en
Mid power
4.8
nV/
√Hz
at 10 KHz
Low power
8
(7)
The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit
operation at elevated ambient temperature can exceed the maximum allowable junction temperature of 150°C. Positive number (+) is
sourcing, negative number (–) is sinking.
(8)
Enable voltage is referred to V– (negative supply voltage).
(9)
Slew Rate is the average of the rising and falling edges.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com