Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
6.6-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1 kΩ, Fully differential input, VS = +6.6
V, RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
High power
4.5
Input referred voltage noise
en
Mid power
4.8
nV/
√Hz
at 10KHz
Low power
8
High power
1.7
Input referred current noise
In
Mid power
1.2
pA/
√Hz
at 10KHz
Low power
0.6
0.000098
High power
%
Total harmonic distortion +
THD+
noise
Mid power
0.00011%
N
3 Vp-p at 1 KHz
0.000089
Low power
%
High power
–124.7
2nd harmonic distortion
Mid power
–122.8
dBc
3 Vp-p, 1 KHz
Low power
–117.2
HD2
High power
–118.9
2nd harmonic distortion
Mid power
–117.6
dBc
6 Vp-p, 1 KHz
Low power
–114.7
High power
–139.9
3rd harmonic distortion
Mid power
-141.9
dBc
3 Vp-p, 1 KHz
Low power
–133.3
HD3
High power
–121.4
3rd harmonic distortion
Mid power
–125.3
dBc
6Vp-p, 1KHz
Low power
–124.5
6.6-V VOCM INPUT CHARACTERISTICS
High power
4.5
VOCM small signal bandwidth
Mid power
2.2
MHz
200mVp-p
Low power
0.6
VOCM gain
1
V/V
High power
±0.97
VOCM offset voltage
Mid power
±0.43
mV
Low power
±0.89
Low Swing
1.2
VOCM voltage range
All power levels
V
High Swing
5.4
Low Swing
30
VOCM input resistance
All power levels
K
Ω
High Swing
mid-supply
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com