Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8350MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
6.6-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1 kΩ, Fully differential input, VS = +6.6
V, RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
Output shorted to
Low Swing
–30
–49
mid-supply(7)
High Swing
54
83
High power
Low Swing
–19
–35
ISHORT Short-circuit current
mA
Mid power
High Swing
40
64
Low Swing
–6
–15
Low power
High Swing
15
27
High power
111
Power supply rejection ratio
PSRR
Mid power
117
dB
VS ±10%
Low power
127
TA = 25°C
14
16
VEN = 5.775
(8)
At the temperature extremes
18
TA = 25°C
7
9
IS
Supply current
VEN = 4.125
(8)
mA
At the temperature extremes
10
TA = 25°C
2
3
VEN = 2.475
(8)
At the temperature extremes
4
Disable voltage threshold(8)
<1.225
V
TA = 25°C
0.55
0.65
PD
Power-down mode
Shutdown current
mA
At the temperature extremes
0.7
Enable pin current
40
μA
High power
18
ten
Enable time
Mid power
22
ns
Low power
43
6.6-V AC CHARACTERISTICS
High power
116
Small signal bandwidth
SSBW
Mid power
85
MHz
200 mVp-p differential
Low power
29
High power
488
Slew rate
SR
Mid power
376
V/
μs
2 Vp-p differential(9)
Low power
166
High power
3.1
Rise time
trise
Mid power
4.2
ns
2 Vp-p differential
Low power
10.4
High power
3.0
Fall time
tfall
Mid power
4.0
ns
2 Vp-p differential
Low power
10.3
2-V step, CL = 20 pF
19
High power
0.1% settling time
ts
ns
2 Vp-p
Mid power
25
Low power
43
(7)
The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit
operation at elevated ambient temperature can exceed the maximum allowable junction temperature of 150°C. Positive number (+) is
sourcing, negative number (–) is sinking.
(8)
Enable voltage is referred to V- (negative supply voltage).
(9)
Slew Rate is the average of the rising and falling edges.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com