| Electronic Components Datasheet Search |
|
286C6116FSC Datasheet(PDF) 19 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
286C6116FSC Datasheet(HTML) 19 Page - Zilog, Inc. |
|
19 / 46 page ![]() 19 Z86C61/62/96 Z8® MICROCONTROLLER FUNCTIONAL DESCRIPTION Address Space Program Memory. The Z86C61/62 can address up to 48 Kbytes of external program memory (Figure 16). The first 12 bytes of program memory are reserved for the interrupt vectors. These locations contain six 16-bit vectors that correspond to the six available interrupts. For ROM mode, byte 13 to byte 16383 consists of on-chip ROM. At ad- dresses 16384 and greater, the Z86C61/62 executes external program memory fetches. The Z86C96, and the Z86C61/62 in ROMless mode, can address up to 64 Kbytes of external program memory. Program execution begins at external location 000CH after a reset. Data Memory (/DM). The ROM version can address up to 48 Kbytes of external data memory space beginning at location 16384. The ROMless version can address up to 64 Kbytes of external data memory. External data memory may be included with, or separated from, the external program memory space. /DM, an optional I/O function that can be programmed to appear on pin P34, is used to distinguish between data and program memory space (Figure 17). The state of the /DM signal is controlled by the type instruction being executed. An LDC opcode refer- ences PROGRAM (/DM inactive) memory, and an LDE instruction references DATA (/DM active Low) memory. 12 11 10 9 8 7 6 5 4 3 2 1 0 External ROM and RAM Location of First Byte of Instruction Executed After RESET Interrupt Vector (Lower Byte) Interrupt Vector (Upper Byte) IRQ5 IRQ4 IRQ4 IRQ3 IRQ3 IRQ2 IRQ2 IRQ1 IRQ1 IRQ0 IRQ0 IRQ5 65535 On-Chip ROM 16384 16383 Figure 16. Program Memory Configuration 65535 16384 16383 0 External Data Memory Not Addressable Figure 17. Data Memory Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |