| Electronic Components Datasheet Search |
|
286C6116FSC Datasheet(PDF) 37 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
286C6116FSC Datasheet(HTML) 37 Page - Zilog, Inc. |
|
37 / 46 page ![]() 37 Z86C61/62/96 Z8® MICROCONTROLLER Z8 EXPANDED REGISTER FILE CONTROL REGISTERS D7 D6 D5 D4 D3 D2 D1 D0 Data 0 Defines Level 0 1 Defines Level 1 P4 (FH) 02H D7 D6 D5 D4 D3 D2 D1 D0 P40 - P47 I/O Definition 0 Defines Bit as Output 1 Defines Bit as Input P4M (FH) 03H Figure 46. Port 4 Data Register (F)02: (Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 P5 (FH) 04H Data 0 Defines Level 0 1 Defines Level 1 Figure 47. Port 4 Direction Register (F)03: (Write Only) Figure 48. Port 5 Data Register (F)04: (Read/Write) Figure 49. Port 5 Direction Register (F)05: (Write Only) Figure 50. Port 4/5 Mode Register (F)06: (Write Only) Figure 51. Port 6 Data Register (F)07: (Read/Write) D7 D6 D5 D4 D3 D2 D1 D0 P6 (FH) 07H Reserved (Must be 0) Data 0 Defines Level 0 1 Defines Level 1 Figure 52. Port 6 Direction Register (F)08: (Write Only) Figure 53. Port 6 Mode Register (F)09: (Write Only) P50 - P57 I/O Definition 0 Defines Bit as Output 1 Defines Bit as Input* P5D (FH) 05H D7 D6 D5 D4 D3 D2 D1 D0 *Default Value After RESET D4 D0 P45M (FH) 06H 0 Port 4 Open-drain* 1 Port 4 Push-pull Reserved (Must be 0) 0 Port 5 Open-drain* 1 Port 5 Push-pull Reserved (Must be 0) *Default Value After RESET D3 D2 D1 D0 P60 - P63 I/O Definition 0 Defines Bit as Output 1 Defines Bit as Input* P6D (FH) 08H Reserved (Must be 0) *Default Value After RESET D7 D6 D5 D4 D3 D2 D1 D0 0 Port 6 Open-drain* 1 Port 6 Push-pull P6M (FH) 09H *Default Value After RESET |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |