Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN67D8LDW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN67D8LDW
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN67D8LDW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN67D8LDW Datasheet HTML 1Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 2Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 3Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 4Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 5Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN67D8LDW
Document number: DS38034 Rev. 1 - 2
2 of 6
www.diodes.com
August 2015
© Diodes Incorporated
DMN67D8LDW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
230
180
mA
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%) (Note 6)
IDM
0.8
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
320
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
400
°C/W
Total Power Dissipation (Note 6)
PD
410
mW
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
312
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
—
—
1.0
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
—
2.5
V
VDS = 10V, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
1.5
3.2
5.0
7.5
Ω
VGS = 10V, ID = 0.5A
VGS = 5V, ID = 0.05A
Forward Transfer Admittance
|Yfs|
80
—
—
mS
VDS =10V, ID = 0.2A
Diode Forward Voltage
VSD
—
0.78
1.5
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
22
—
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
4.1
—
pF
Reverse Transfer Capacitance
Crss
—
2.5
—
pF
Gate Resistance
Rg
—
120
—
Ω
f = 1.0MHz , VGS = 0V, VDS = 0V
Total Gate Charge (VGS = 4.5V)
Qg
—
361
—
pC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Total Gate Charge (VGS = 10V)
Qg
—
821
—
pC
Gate-Source Charge
Qgs
—
162
—
pC
Gate-Drain Charge
Qgd
—
116
—
pC
Turn-On Delay Time
tD(ON)
—
2.8
—
ns
VDD = 30V, ID = 0.2A,
RL = 150, VGS = 10V, RG = 25
Turn-On Rise Time
tR
—
3.0
—
ns
Turn-Off Delay Time
tD(OFF)
—
7.6
—
ns
Turn-Off Fall Time
tF
—
5.6
—
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com