Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN67D8LDW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN67D8LDW
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN67D8LDW Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN67D8LDW Datasheet HTML 1Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 2Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 3Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 4Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 5Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN67D8LDW
Document number: DS38034 Rev. 1 - 2
3 of 6
www.diodes.com
August 2015
© Diodes Incorporated
DMN67D8LDW
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=2.5V
V
GS=3.0V
V
GS=3.5V
V
GS=4.5V
V
GS=5.0V
V
GS=10.0V
0
0.2
0.4
0.6
0.8
1
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS=5V
-55
℃
25
℃
85
℃
150
℃
125
℃
0
2
4
6
8
10
2
4
6
8
10
12
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=500mA
1
1.2
1.4
1.6
1.8
2
2.2
0
0.2
0.4
0.6
0.8
1
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=5V
V
GS=10V
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS=10V, ID=500mA
V
GS=5V, ID=50mA
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Junction Temperature
V
GS=10V
-55
℃
25
℃
85
℃
125
℃
150
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com