Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN67D8LDW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN67D8LDW
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN67D8LDW Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN67D8LDW Datasheet HTML 1Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 2Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 3Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 4Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 5Page - Diodes Incorporated DMN67D8LDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN67D8LDW
Document number: DS38034 Rev. 1 - 2
4 of 6
www.diodes.com
August 2015
© Diodes Incorporated
DMN67D8LDW
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS=5V, ID=50mA
V
GS=10V, ID=500mA
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V,
T
J=-55℃
V
GS=0V,
T
J=25℃
V
GS=0V, TJ=85℃
V
GS=0V, TJ=125℃
V
GS=0V, TJ=150℃
0.001
0.01
0.1
1
10
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(MAX)=150℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS=10V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100μs
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
Q
g (nC)
Figure 11. Gate Charge
V
DS=10V, ID=250mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com