Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 40Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 43Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 42 of 62
Pin Configurations[20] (continued)
400-Ball Fine-Pitch BGA (BB400)
Top View
A
GND
GNDNCI/O17
I/O16
I/O14
I/O29
VCC
I/O11
GND
GND
I/O25
7
VCC
I/O23
9
I/O23
3
I/O23
2
I/O23
0
NC
GND
GND
B
GND
GND
GND
NC
I/O15
I/O13
I/O28
VCC
I/O10
GND
GND
I/O25
6
VCC
I/O23
8
I/O23
1
I/O22
9
NC
GND
GND
GND
C
NC
GND
GND
GND
I/O20
I/O12
I/O27
VCC
I/O9
GND
GND
I/O25
5
VCC
I/O23
7
I/O22
8
I/O24
5
GND
GND
GND
NC
DI/O44
NC
GND
I/O21
I/O19
I/O18
I/O26
I/O25
I/O8
GND
GND
I/O25
4
I/O23
5
I/O23
6
I/O25
1
I/O24
4
I/O24
3
GND
NC
I/O22
7
EI/O46
I/O43
I/O23
I/O22
NC
I/O35
I/O34
I/O24
I/O7
I/O4
I/O26
3
I/O25
3
I/O23
4
I/O25
0
I/O24
8
NC
I/O24
1
I/O24
2
I/O22
5
I/O22
6
FI/O47
I/O45
I/O42
I/O41
I/O40
NC
I/O33
I/O32
I/O6
I/O3
I/O26
2
I/O25
2
I/O24
9
I/O24
7
I/O22
0
I/O22
1
I/O24
0
I/O22
2
I/O22
3
I/O22
4
GI/O53
I/O52
I/O51
I/O50
I/O39
I/O38
I/O37
I/O31
I/O5
I/O2
I/O26
1
VCC
I/O24
6
I/O21
7
I/O21
8
I/O21
9
I/O21
2
I/O21
3
I/O21
4
I/O21
5
HVCC
VCC
VCC
I/O49
I/O48
I/O36
TCK
VCC
I/O30
I/O1
I/O25
9
I/O26
0
VCC
TDI
I/O21
6
I/O21
0
I/O21
1
VCC
VCC
VCC
JI/O59
I/O58
I/O57
I/O56
I/O55
I/O54
VCC
I/O62
I/O60
I/O0
I/O25
8
I/O20
2
I/O20
3
CLK
3 /I4
I/O20
4
I/O20
5
I/O20
6
I/O20
7
I/O20
8
I/O20
9
K
GND
GND
GND
GND
I/O65
I/O64
CLK
0 /I0
I/O63
I/O61
GND
GND
I/O19
8
I/O19
9
CLK
2 /I3
I/O20
0
I/O20
1
GND
GND
GND
GND
L
GND
GND
GND
GND
I/O69
I/O68
NC
I/O67
I/O66
GND
GND
I/O19
3
I/O19
5
I2
I/O19
6
I/O19
7
GND
GND
GND
GND
MI/O89
I/O88
I/O87
I/O86
I/O85
I/O84
CLK
1 /I1
I/O71
I/O70
I/O12
6
I/O13
2
I/O19
2
I/O19
4
VCC
I/O17
4
I/O17
5
I/O17
6
I/O17
7
I/O17
8
I/O17
9
NVCC
VCC
VCC
I/O91
I/O90
I/O72
TMS
VCC
I/O12
8
I/O12
7
I/O13
3
I/O16
2
VCC
TDO
I/O18
0
I/O16
8
I/O16
9
VCC
VCC
VCC
PI/O95
I/O94
I/O93
I/O92
I/O75
I/O74
I/O73
I/O11
4
VCC
I/O12
9
I/O13
4
I/O13
7
I/O16
3
I/O18
1
I/O18
2
I/O18
3
I/O17
0
I/O17
1
I/O17
2
I/O17
3
RI/O80
I/O79
I/O78
I/O10
8
I/O77
I/O76
I/O11
5
I/O11
7
I/O12
0
I/O13
0
I/O13
5
I/O13
8
I/O16
4
I/O16
5
NC
I/O18
4
I/O18
5
I/O18
6
I/O18
9
I/O19
1
TI/O82
I/O81
I/O11
0
I/O10
9
NC
I/O11
6
I/O11
8
I/O10
2
I/O12
1
I/O13
1
I/O13
6
I/O13
9
I/O15
6
I/O16
6
I/O16
7
NC
I/O15
4
I/O15
5
I/O18
7
I/O19
0
UI/O83
NC
GND
I/O11
1
I/O11
2
I/O11
9
I/O10
4
I/O10
3
I/O12
2
GND
GND
I/O14
0
I/O15
7
I/O15
8
I/O15
0
I/O15
1
I/O15
3
GND
NC
I/O18
8
V
NC
GND
GND
GND
I/O11
3
I/O96
I/O10
5
VCC
I/O12
3
GND
GND
I/O14
1
VCC
I/O15
9
I/O1
44
I/O15
2
GND
GND
GND
NC
W
GND
GND
GND
NC
I/O97
I/O99
I/O10
6
VCC
I/O12
4
GND
GND
I/O14
2
VCC
I/O16
0
I/O14
5
I/O14
7
NC
GND
GND
GND
Y
GND
GNDNCI/O98
I/O10
0
I/O10
1
I/O10
7
VCC
I/O12
5
GND
GND
I/O14
3
VCC
I/O16
1
I/O14
6
I/O14
8
I/O14
9
NC
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com